Electronic Components Datasheet Search
  English  ▼

X  

MSS0287 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSS0287
Description  VOICE ROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0287 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSS0287 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 5Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOSEL VITELIC
1
PID223B 02/95
Features
Single power can operate at 2.4V through 6V.
current output can drive 8 ohm speaker with a
transistor.
Total maximum duration is 2.8 seconds. Speech
+ mute is about 21.8 seconds.
Automatic power down.
Repeat function that can repeat up to 8 times.
CDS interface is provided.
It can not trigger itself by stop pulse.
Mask option for either level or edge trigger type.
Mask
option
for LED
flasher, BUSY
output
or
STOP pulse output.
Mask option for either long (20ms) or short (5ms)
debounce time.
Mask option for either holdable output or not.
Mask option for either
fixed (6Hz) or dynamic
type on LED flasher.
Mask option for either retrigger or not.
General Description
The MSS0287 is a single-chip CMOS LSI that memorizes voice up to 2.8 seconds
using the MOSEL
qualified coding method (MPCM). The chip contains most of the necessary circuit like oscillator, PLA, D/A
converter, buzzer buffer, control and timing logic . Therefore,
it can apply to various voice systems
with
minimum
external
parts.
Several
device can be combined to reach longer
voice duration
(longer
than
2.8 seconds). Customer speech data will be edited and programmed into PLA by changing one mask
during the device fabrication.
OSCILLATOR
ADDRESS
GENERATOR
PLA
D/A
CONTROL LOGIC
OSC
Block Diagram
VSS
VDD
TG
COUT
LED/BUSY/STOP
VOICE ROM
MSS0287


Similar Part No. - MSS0287

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
More results

Similar Description - MSS0287

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com