Electronic Components Datasheet Search
  English  ▼

X  

MSS0287 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSS0287
Description  VOICE ROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0287 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSS0287 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0287 Datasheet HTML 5Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MOSEL VITELIC
Pad Description
2
PID223B 02/95
DC Characteristics
Pad No.
Signal Name
Function
1
2
3
4
5
6
7
VDD
OSC
LED/BUSY/STOP
TG
VSS
Positive power supply
Oscillator resistor input
Trigger input, active high
LED flasher output/BUSY signal output/One shot stop signal output.
Negative power supply
I/O
I
NC
I
O
C OUT
Reserved
Current output for driving speaker
Reserved no Connection
O
Power
Power
AC Characteristics
VOICE ROM
MSS0287
Absolute Maximum Rating
C
Symbol
T (Operating)
T (Storage)
V
~ V
DD
SS
V
(TG)
IN
V
(STOP)
OUT
Rating
-0.5 ~ +7.0
-10 ~ +60
-55 ~ +125
V
-0.3 < V
< V
+0.3
SS
IN
DD
V
<V
< V
OUT
SS
DD
Unit
V
V
V
C
Symbol
Parameter
Min.
Max.
Typ.
Unit
Condition
I
I
I
I
I
I
∆F/F
Supply
Current
Stand by
Operating
Input Current (TG)
Output Current (C
)
Output Current
(LED)
Frequency Stability
Frequency Variation
µA
V
= 4.5V, I/O Open
DD
SB
OP
IH
IL
OC
OH
∆F/F
5
+10
+5
1
200
+15
µA
mA
mA
%
%
IOL
DD
V
= 4.5V
V
= 3V,
DD
V
= V
O/P
V
= 4.5V,
DD
FOSC(4.5V) - FOSC(4V)
FOSC(4.5V)
DD
V
= 4.5V, ROSC = 1.2M
+8
OUT
V
= 4.5V,
DD
V
=V
O/P
full scale.
-8
0
OH
OL
Symbol
Parameter
Min.
Max.
Typ.
Unit
Condition
T
Minimal trigger
pulse width
T
20
5
ms
Mask = long
Mask = short
40
VDD=4.5V
ms
T STOP
Pulse Width (STOP)
IBZ
ISTOP
-9
-9
mA
mA
V
= 4.5V,
DD
V
= 4.5V,
DD
Output Current (BUSY )
Output Current (STOP)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com