Electronic Components Datasheet Search
  English  ▼

X  

AD4083BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD4083BBCZ
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD4083BBCZ Datasheet HTML 46Page - Analog Devices AD4083BBCZ Datasheet HTML 47Page - Analog Devices AD4083BBCZ Datasheet HTML 48Page - Analog Devices AD4083BBCZ Datasheet HTML 49Page - Analog Devices AD4083BBCZ Datasheet HTML 50Page - Analog Devices AD4083BBCZ Datasheet HTML 51Page - Analog Devices AD4083BBCZ Datasheet HTML 52Page - Analog Devices AD4083BBCZ Datasheet HTML 53Page - Analog Devices AD4083BBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
Data Sheet
AD4083
DIGITAL INTERFACE
analog.com
Rev. 0 | 50 of 94
LVDS Output Differential Drive
The AD4083 supports selection of the LVDS output differential
voltage from one of three predetermined differential amplitudes
of ±185mV p-p, ±240mV p-p, and ±325mV p-p assuming a termi-
nation resistance of 100Ω across the differential pair. The output
common-mode voltage of the LVDS drive is adjusted for each
selection automatically to ensure that the peak output voltage
remains within the IOVDD rail. The current default selection sets
the differential amplitude at ±240mV p-p. The output differential
voltage can be modified by writing to the LVDS_VOD bits of the
ADC Data Interface Configuration C register (see the ADC Data
Interface Configuration C Register section, Address 0x17).
Data Interface Test Functions
Regardless of the selected output configuration, the AD4083 is
equipped with self test functions that enable verification of the
integrity of the data interface physical layer, including device pads,
PCB interconnect, and the host interface connections. An interface
check function is available setting a fixed, 16-bit data pattern mode
to output. Selection of this test function is made by writing to the
INTF_CHK_EN bit in the Data Interface Configuration A register
(see the ADC Data Interface Configuration A Register section,
Address 0x15).
By enabling the built-in test function, access to conversion results
is suspended; therefore, only use this function at either power-up or
during an idle period when conversion results are not required for
normal system function.
Refer to the ADC Result Latency and LVDS Interface Alignment
section for further information.
SPI DATA INTERFACE
SPI Data Interface Configuration
For applications that do not require the interface bandwidth of the
LVDS interface, such as when using asynchronous capture into the
result FIFO, the data interface can be reconfigured into a single
or quad lane, SPI data interface. In this configuration, the AD4083
outputs data on either one or four CMOS data lanes simultaneously
at serial clock rates up to 50MHz. The result data is shifted out
serially on the falling edge of the interface clock (DCLK). In SPI
configuration, the AD4083 results can be read at interface rates up
to 200MHz when using four SPI lanes.
To select the SPI configuration, program the DATA_INTF_MODE
bit of the Data Interface Configuration A register (see the ADC
Data Interface Configuration A Register section, Address 0x15) with
Binary Sequence 1’b1. Once configured for SPI mode, the AD4083
LVDS drivers are automatically disabled, including the echo clock
output (DCO+ and DCO−), preventing contention between LVDS
and CMOS functions. As a result, the LVDS_SELF_CLK_MODE
and LVDS_VOD settings no longer affect the operation of the data
interface and can be left at their power-on defaults or another
convenient value. Because the driver is disabled, the DCO+ and
DCO− output pins can be left disconnected in the hardware design
as these pins are unused.
As detailed in Table 22, the following LVDS pins are reconfigured as
CMOS input or outputs to realize the SPI data interface.
Table 22. LVDS/SPI Data Interface Pins Crossreference
LVDS Pin
CMOS Pin
Function
CLK+
DCLK
Data interface clock input
CLK−
DCS
Data interface chip select input
DA+
SDOA
Serial Data Output A
DA−
SDOB
Serial Data Output B
DB+
SDOC
Serial Data Output C
DB−
SDOD
Serial Data Output D
As with LVDS configuration mode, SPI configuration selection al-
lows control of the number of active lanes. For SPI data interface
configuration, the user has the option to configure single lane SPI
or quad lane SPI.
SPI Active Data Lane Count
The SPI can be configured to output the result data on either one
or four data lanes, which is controlled by the SPI_LVDS_LANES
bit in the ADC Interface Configuration A register (see the ADC
Data Interface Configuration A Register section, Address 0x15). By
default, this bit is set to 0 (one lane active), and can be set to
1 to use four data lanes. Note that this bit also sets the number
of active data lanes for the LVDS interface. The data order and
pin assignment to the serial data output (SDOx) pins is detailed in
Table 23, and shown in Figure 87.
Table 23. SPI Data Lane(s) Data Order and Pin Assignment
Serial Data Output Pin
Output Data Order
One Active SPI Lane
(SPI_LVDS_LANES = 0)
Four Active SPI Lanes
(SPI_LVDS_LANES = 1)
SDOA
Not applicable
SDO 3
SDOB
SDO 0
SDO 2
SDOC
Not applicable
SDO 1
SDOD
Not applicable
SDO 0
Data Interface CRC
To ensure the integrity of the result data, a CRC is appended
to the FIFO results. This CRC is always enabled and appended.
The computation of the result checksum is independent of that of
the configuration interface. The result is 24 bits in length and is
appended to each data result record acquired from the FIFO.
Sign Extension
When accessing the FIFO data with the SPI data interface, the
16-bit resolution of the AD4083 is not a convenient length for
interfacing with microcontroller or microprocessor hosts. To make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com