Electronic Components Datasheet Search
  English  ▼

X  

ESD451DPLR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # ESD451DPLR.B
Description  ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD451DPLR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button ESD451DPLR.B Datasheet HTML 14Page - Texas Instruments ESD451DPLR.B Datasheet HTML 15Page - Texas Instruments ESD451DPLR.B Datasheet HTML 16Page - Texas Instruments ESD451DPLR.B Datasheet HTML 17Page - Texas Instruments ESD451DPLR.B Datasheet HTML 18Page - Texas Instruments ESD451DPLR.B Datasheet HTML 19Page - Texas Instruments ESD451DPLR.B Datasheet HTML 20Page - Texas Instruments ESD451DPLR.B Datasheet HTML 21Page - Texas Instruments ESD451DPLR.B Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.05) TYP
(0.7)
2X (0.5)
2X (0.3)
(0)
4224561/C 07/2024
X1SON - 0.45 mm max height
DPY0002A
PLASTIC SMALL OUTLINE - NO LEAD
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:60X
SYMM
1
2
SYMM
PCB PAD METAL
UNDER SOLDER PASTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com