Electronic Components Datasheet Search
  English  ▼

X  

ESD451DPLR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # ESD451DPLR.B
Description  ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD451DPLR.B Datasheet(HTML) 4 Page - Texas Instruments

  ESD451DPLR.B Datasheet HTML 1Page - Texas Instruments ESD451DPLR.B Datasheet HTML 2Page - Texas Instruments ESD451DPLR.B Datasheet HTML 3Page - Texas Instruments ESD451DPLR.B Datasheet HTML 4Page - Texas Instruments ESD451DPLR.B Datasheet HTML 5Page - Texas Instruments ESD451DPLR.B Datasheet HTML 6Page - Texas Instruments ESD451DPLR.B Datasheet HTML 7Page - Texas Instruments ESD451DPLR.B Datasheet HTML 8Page - Texas Instruments ESD451DPLR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Peak Pulse (2) (3)
IEC 61000-4-5 power (tp - 8/20 µs)
57
W
IEC 61000-4-5 Current (tp - 8/20 µs)
6
A
TA
Ambient Operating Temperature
-55
150
°C
Tstg
Storage Temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Voltages are with respect to GND unless otherwise noted.
(3)
Measured at 25
℃
5.2 ESD Ratings—JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001 (1)
±2500
V
Charged device model (CDM), per JEDEC
specification JS-002 (2)
±1000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufactuuring with a standard ESD control proccess.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufactuuring with a standard ESD control proccess.
5.3 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
±30000
V
IEC 61000-4-2 air-gap discharge
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIO
Input pin voltage
IO to GND
-5.5
5.5
V
TA
Operating free-air temperature
-55
150
°C
5.5 Thermal Information
THERMAL METRIC (1)
ESD451
UNIT
DPL (DFN0603)
DPY (DFN1006)
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
356.9
305.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
201.2
179.5
°C/W
RθJB
Junction-to-board thermal resistance
136.4
121.4
°C/W
ΨJT
Junction-to-top characterization parameter
2.6
16.5
°C/W
ΨJB
Junction-to-board characterization parameter
135.9
120.3
°C/W
ESD451
SLVSH27B – APRIL 2023 – REVISED DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com