Electronic Components Datasheet Search
  English  ▼

X  

ESD451DPYR Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD451DPYR
Description  ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD451DPYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD451DPYR Datasheet HTML 5Page - Texas Instruments ESD451DPYR Datasheet HTML 6Page - Texas Instruments ESD451DPYR Datasheet HTML 7Page - Texas Instruments ESD451DPYR Datasheet HTML 8Page - Texas Instruments ESD451DPYR Datasheet HTML 9Page - Texas Instruments ESD451DPYR Datasheet HTML 10Page - Texas Instruments ESD451DPYR Datasheet HTML 11Page - Texas Instruments ESD451DPYR Datasheet HTML 12Page - Texas Instruments ESD451DPYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
5.7 Typical Characteristics (continued)
Vbias (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
300
340
380
420
460
500
540
580
620
660
700
Figure 5-13. Bias Voltage vs. Capacitance (DPY)
Te mperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
0.7
Figure 5-14. Temperature vs. Capacitance (DPY)
Te mperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Figure 5-15. Temperature vs. Leakage Current (DPY)
Frequency [GHz]
0.01 0.02
0.05
0.1
0.2 0.3 0.5
1
2 3 4 5 67 10
-7.5
-7
-6.5
-6
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
Figure 5-16. Insertion Loss (DPY)
www.ti.com
ESD451
SLVSH27B – APRIL 2023 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com