Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6.5 Electrical Characteristics (continued)
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, common-mode voltage (VCM) = mid-supply, RF = 301 Ω,
and RL = 100 Ω to mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Most negative input voltage(3)
VS– VS– + 0.25
V
ΔVOS at most positive input
voltage(4)
VCM = VS+ – 3.6 V
±0.03
±1
mV
VCM = VS+ – 3.6 V, TA = -40°C to +85°C
±1.5
ΔVOS at most negative input
voltage(4)
VCM = VS– + 0.25 V
±0.23
±1
mV
VCM = VS– + 0.25 V, TA = -40°C to +85°C
±1.5
OUTPUT
VOH
Output voltage swing high
VS+ – 1.2
VS+ – 1
V
TA = –40°C to +85°C
VS+ – 1.3
RL = 1 kΩ
VS+ – 1
VS+ – 0.9
RL = 1 kΩ, TA = –40°C to +85°C
VS+ – 1.2
VOL
Output voltage swing low
VS– + 1.2 VS– + 1.33
V
TA = –40°C to +85°C
VS– + 1.4
RL = 1 kΩ
VS– + 1.1
VS– + 1.2
RL = 1 kΩ, TA = –40°C to +85°C
VS– + 1.3
IO_MAX
Linear output drive
VO = ±2.75 V, RL to mid-supply = 50 Ω,
[ΔVOS from no-load VOS] ≤ ±1 mV
±55
mA
VO = ±2.5 V, RL to mid-supply = 50 Ω,
[ΔVOS from no-load VOS] ≤ ±1 mV,
TA = –40°C to +85°C
±50
ISC
Output short-circuit current
±110
mA
POWER SUPPLY
VS
Single-supply operating range
6
10
13
V
IQ
Quiescent current per channel
No load
26.5
27.7
29
mA
No load, TA = –40°C to +85°C
23
31.5
IQ drift
No load, TA = –40°C to +85°C
42
µA/°C
PSRR+
Positive power supply rejection
ratio
ΔVS+ = ±0.25 V
75
95
dB
ΔVS+ = ±0.25 V, TA = –40°C to +85°C
70
PSRR–
Negative power supply rejection
ratio
ΔVS– = ±0.25 V
80
94
dB
ΔVS– = ±0.25 V, TA = –40°C to +85°C
74
POWER DOWN
VTH_EN
Enable voltage threshold
Power on when PD > VTH_EN, no load
VS+ – 1
V
VTH_DIS
Disable voltage threshold
Power down when PD < VTH_DIS, no load
VS+ – 3
V
Power-down IQ (VS+)
No load
27
40
µA
PD pin bias current(2)
No load, PD = VS+
–3
–2
µA
No load, PD = VS–
13
20
Turn-on time delay
125
ns
Turn-off time delay
170
ns
(1)
Input offset voltage drift and input bias current drift are average values calculated by taking data at the end-points, computing the
difference, and dividing by the temperature range.
(2)
Current is considered positive out of the pin. IOS = IB+ – IB–.
(3)
Defined by ΔVOS at most positive/negative input voltage specification
(4)
ΔVOS = |VOS at specified VCM – VOS at 0 V VCM|
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com