Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
6.6 Typical Characteristics: VS = ±5 V
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = midsupply, RF = 301 Ω, RL = 100 Ω to midsupply,
small-signal VO = 100 mVPP, and large-signal VO = 2 VPP (unless otherwise noted)
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
D001
G = 7 V/V, RF = 301 :
G = 10 V/V, RF = 301 :
G = 20 V/V, RF = 301 :
G = 50 V/V, RF = 3.01 k:
G = 100 V/V, RF = 3.01 k:
VO = 100 mVPP
Figure 6-1. Noninverting Small-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D002
G = 7 V/V
G = 10 V/V
G = 20 V/V
VO = 100 mVPP
Figure 6-2. Inverting Small-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D005
G = 7 V/V
G = 10 V/V
G = 20 V/V
G = 50 V/V
G = 100 V/V
VO = 2 VPP
Figure 6-3. Noninverting Large-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D006
G = 7 V/V
G = 10 V/V
G = 20 V/V
VO = 2 VPP
Figure 6-4. Inverting Large-Signal Frequency Response
Frequency (Hz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1M
10M
100M
D007
G = 7 V/V, RF = 301 :
G = 10 V/V, RF = 301 :
G = 20 V/V, RF = 301 :
G = 100 V/V, RF = 3.01 k:
Figure 6-5. Gain Flatness vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D008
TA = 40qC
TA = 25qC
TA = 85qC
Figure 6-6. Noninverting Small-Signal Frequency Response
Over Temperature
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com