Electronic Components Datasheet Search
  English  ▼

X  

ACM100 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # ACM100
Description  Automotive Camera Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

ACM100 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button ACM100 Datasheet HTML 9Page - Cypress Semiconductor ACM100 Datasheet HTML 10Page - Cypress Semiconductor ACM100 Datasheet HTML 11Page - Cypress Semiconductor ACM100 Datasheet HTML 12Page - Cypress Semiconductor ACM100 Datasheet HTML 13Page - Cypress Semiconductor ACM100 Datasheet HTML 14Page - Cypress Semiconductor ACM100 Datasheet HTML 15Page - Cypress Semiconductor ACM100 Datasheet HTML 16Page - Cypress Semiconductor ACM100 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ACM100
Document Number: 001-05325 Rev. **
Page 13 of 20
0x06 ROI 1
The ROI 1 register is used to specify the size and location of the region of interest box in the x axis (imager columns). The bits
are defined as follows:
0x07 ROI 2
The ROI 2 register is used to specify the size and location of the region of interest box in the x axis (imager rows). The bits are
defined as follows:
0x08 Video Control
The Video control register is used to enable various features that affect the output video signal.
Bit Definition
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
ROI_XOFF[15:8]
ROI_XON[7:0]
[15:8] ROI_XOFF:
This field specifies the 8 most significant bits of the ending X coordinate. The least significant bits are
fixed at “000”. Therefore, the resolution of this coordinate is limited to multiples of 8.
[7:0] ROI_XON :
This field specifies the 8 most significant bits of the starting X coordinate. The least significant bits are
fixed at “000”. Therefore, the resolution of this coordinate is limited to multiples of 8.
Bit Definition
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
1
1
1
1
1
0
0
1
0
1
1
1
0
ROI_YOFF[15:8]
ROI_YON[7:0]
[15:8] ROI_YOFF:
This field specifies the 8 most significant bits of the ending Y coordinate. The least significant bits are
fixed at “00”. Therefore, the resolution of this coordinate is limited to multiples of 4.
[7:0] ROI_XON :
This field specifies the 8 most significant bits of the starting Y coordinate. The least significant bits are
fixed at “00”. Therefore, the resolution of this coordinate is limited to multiples of 4.
Bit Definition
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
1
1
1
1
1
1
0
1
1
0
1
0
0
1
[15] Reserved:
This bit is reserved for future use and should not be set. To ensure compatibility with future
releases, we recommend using a read/modify/write operation to preserve the status of this bit.
[14] TINT_HYST:
Writing a ‘1’ to this bit will cause the automatic control of the Tint settings to have additional
hysteresis. This added hysteresis will cause changes of less than two lines to be suppressed.
This is useful in eliminating the appearance of flickering in very bright scenes where a change
of one line of integration time represents a significant change in image brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com