Electronic Components Datasheet Search
  English  ▼

X  

ACM100 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # ACM100
Description  Automotive Camera Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

ACM100 Datasheet(HTML) 2 Page - Cypress Semiconductor

  ACM100 Datasheet HTML 1Page - Cypress Semiconductor ACM100 Datasheet HTML 2Page - Cypress Semiconductor ACM100 Datasheet HTML 3Page - Cypress Semiconductor ACM100 Datasheet HTML 4Page - Cypress Semiconductor ACM100 Datasheet HTML 5Page - Cypress Semiconductor ACM100 Datasheet HTML 6Page - Cypress Semiconductor ACM100 Datasheet HTML 7Page - Cypress Semiconductor ACM100 Datasheet HTML 8Page - Cypress Semiconductor ACM100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ACM100
Document Number: 001-05325 Rev. **
Page 2 of 20
Interface Description
The ACM100 module is intended to support a variety of
automotive applications, so the module has been designed
with flexible mechanical and electrical interfaces. Each of the
interfaces is described in one of the following sections.
Mechanical Interface
The ACM100 module provides a flexible, fastener based
mounting feature. The mounting holes on the ACM100 are
sized for M5 screws. In addition, a variety of planar surfaces
are provided to facilitate the alignment of the camera to the
desired orientation in the vehicle. Figure 2 below defines the
mechanical interfaces and envelope.
Figure 2. Preliminary Envelope Drawing
Analog Video Interface
The ACM100 module offers an analog video interface. The
camera supports both progressive scan and interlaced modes
as described in the following sections.
Interlaced Video Output Option
It uses a 60 fps imager scan and the pseudo-interlace
scanning option (defined in a later section) to generate 30
frame per second, or 60 field per second video. Figure 3
defines the timing of the video output and the voltage levels for
the 1.4 Vpp waveform.
Figure 3. Horizontal Line Timing
H = 64 us / line
(15.63 kHz, 768*T)
(Sync) -0.400V
(Blank) 0.000V
(Black) +0.075V
(White) +1.000V
8.33 us
(100*T)
4.7 us
(56*T)
Horizontal Sync
Active video
4.2 us
(50*T)
1.8 us
(22*T)
53.33 us
(640*T)
Sync rise & fall time 140 ± 20 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com