Electronic Components Datasheet Search
  English  ▼

X  

USX2064 Datasheet(PDF) 32 Page - Microchip Technology

Part # USX2064
Description  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USX2064 Datasheet HTML 28Page - Microchip Technology USX2064 Datasheet HTML 29Page - Microchip Technology USX2064 Datasheet HTML 30Page - Microchip Technology USX2064 Datasheet HTML 31Page - Microchip Technology USX2064 Datasheet HTML 32Page - Microchip Technology USX2064 Datasheet HTML 33Page - Microchip Technology USX2064 Datasheet HTML 34Page - Microchip Technology USX2064 Datasheet HTML 35Page - Microchip Technology USX2064 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
USX2064
DS00001986E-page 32
2023 Microchip Technology Inc and its subsidiaries.
5.3.4
STRETCHING THE SCLK SIGNAL
The hub supports stretching of the
SCLK by other devices on the SMBus. However, the hub does not stretch the SCLK.
5.3.5
SMBUS TIMING
The SMBus slave interface complies with the SMBus Specification Revision 1.0 [3]. See Section 2.1, AC Specifications
on page 3 for more information.
5.3.6
BUS RESET SEQUENCE
The SMBus slave interface resets and returns to the idle state upon a START condition followed immediately by a STOP
condition.
5.3.7
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the hub.
5.4
Default Configuration
To put the Microchip hub in the default configuration, strap
CFG_SEL[1:0] to 00b. This procedure configures the hub to
the internal defaults and enables the strapping options. To place the hub in default configuration with overrides, see
Table 5-1 on page 16 for the list of the options.
The internal default values are used for the registers that are not controlled by strapping option pins. Refer to Section 5.1
on page 16 for the internal default values that are loaded when this option is selected. For a list of strapping option pins,
see Section 5.0 on page 16, and to configure the strapping pins, see Section 3.3.1 on page 11.
5.5
Reset
The hub experiences the following two resets:
• Hardware reset via the
RESET_N pin
• USB bus reset
5.5.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as assertion of
RESET_N for a minimum of 1 s after all power supplies are within
operating range. While reset is asserted, the hub (and its associated external circuitry) consumes less than 500 A of
current from the upstream USB power source.
Assertion of
RESET_N causes the following:
1. All downstream ports are disabled, and
PRTPWR[x:1] to downstream devices is removed (unless BC_EN[x:1]
is enabled).
2. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00h).
5. The external crystal oscillator is halted.
6. The PLL is halted.
The hub is operational 500 s after
RESET_N is negated. Once operational, the hub will do one of the following, depend-
ing on configuration:
• Read the strapping pins (default configuration with strapping options enabled)
• Read configuration information from the external I2C EEPROM
• Wait for configuration over SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com