Electronic Components Datasheet Search
  English  ▼

X  

USX2064 Datasheet(PDF) 1 Page - Microchip Technology

Part # USX2064
Description  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 Datasheet(HTML) 1 Page - Microchip Technology

  USX2064 Datasheet HTML 1Page - Microchip Technology USX2064 Datasheet HTML 2Page - Microchip Technology USX2064 Datasheet HTML 3Page - Microchip Technology USX2064 Datasheet HTML 4Page - Microchip Technology USX2064 Datasheet HTML 5Page - Microchip Technology USX2064 Datasheet HTML 6Page - Microchip Technology USX2064 Datasheet HTML 7Page - Microchip Technology USX2064 Datasheet HTML 8Page - Microchip Technology USX2064 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
2023 Microchip Technology Inc. and its subsidiaries
DS00001986E-page 1
General Description
The Microchip USX2064 hub is a low-power, configu-
rable, MTT (multi transaction translator) hub controller
IC with 4 downstream ports for embedded USB solu-
tions. The 4-port hub supports low-speed, full-speed,
and hi-speed (if operating as a hi-speed hub) down-
stream devices on all of the enabled downstream ports.
Highlights
• High performance, low-power, small footprint hub
controller IC with 4 downstream ports
• Fully compliant with the USB 2.0 Specification [1]
• Enhanced OEM configuration options available
through either a single serial I2C EEPROM, or
SMBus slave port
• Available in the following packages:
- 36-pin SQFN (6x6 mm) (Preferred)
- 36-pin QFN (6x6 mm) (Legacy)
•
MultiTRAKTM
- High-performance multiple transaction trans-
lator which provides one transaction transla-
tor per port
• PortMap
- Flexible port mapping and disable sequenc-
ing
• PortSwap
- Programmable USB differential-pair pin loca-
tions ease PCB design by aligning USB sig-
nal lines directly to connectors
• PHYBoost
- Programmable USB signal drive strength for
recovering signal integrity using 4-level driv-
ing strength resolution
Hardware Features
• Full power management with individual or ganged
power control of each downstream port
• Integrated 1.2 V core regulator
• Fully integrated USB termination and pull-up and
pull-down resistors
• Onboard 24 MHz crystal driver, ceramic resona-
tor, or external 24 MHz clock input
Configuration Features
• Customize the vendor ID, product ID, and device
ID
• Select whether or not the hub is part of a com-
pound device
• Configure the delay time for filtering the over-cur-
rent sense inputs
• Select the presence of a permanently hardwired
USB peripheral device on a port-by-port basis
• Indicate the maximum current that the 4-port hub
consumes from the USB upstream port
• Indicate the maximum current required for the hub
controller
• Supports self- and bus-powered operation
• Supports the USB Battery Charging specification
Rev. 1.1 for Charging Downstream Ports (CDP)
• Customizable string descriptors up to 31 charac-
ters in length for:
- Product String
- Manufacturer String
- Serial Number String
• Pin selectable options for default configuration
- Downstream Ports as Disabled Ports
- USB Differential Pair Pin location
Applications
• LCD monitors and TVs
• Multi-function USB peripherals
• PC motherboards
• Set-top boxes, DVD players, DVR/PVR
• Printers and scanners
• PC media drive bay
• Portable hub boxes
• Mobile PC docking
• Embedded systems
USX2064
USB 2.0 Hi-Speed 4-Port Hub Controller with
Battery Charging


Similar Part No. - USX2064

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
362Kb / 9P
NBFM Multi-channel UHF Transceiver
More results

Similar Description - USX2064

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com