Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 20 Page - Analog Devices

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT6350 Datasheet HTML 16Page - Analog Devices LT6350 Datasheet HTML 17Page - Analog Devices LT6350 Datasheet HTML 18Page - Analog Devices LT6350 Datasheet HTML 19Page - Analog Devices LT6350 Datasheet HTML 20Page - Analog Devices LT6350 Datasheet HTML 21Page - Analog Devices LT6350 Datasheet HTML 22Page - Analog Devices LT6350 Datasheet HTML 23Page - Analog Devices LT6350 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT6350
20
6350fc
For more information www.linear.com/LT6350
applicaTions inForMaTion
RG and RF, will always result in lower output noise at the
expenseofincreaseddistortionduetoincreasedloadingof
op amp 1. Note that op amp 1 is loaded internally by the 1k
input resistor to op amp 2, and therefore external loading
should not be much heavier than 1k to avoid degrading
distortion performance.
When using RF equal to RS (for low offsets) in the gain-
of-two configuration, wideband noise can be substantially
reduced by bypassing across RF. For lowest output noise
always bypass at the +IN2 pin with a capacitor of at least
0.1µF as seen in the Typical Application schematic on the
front page. Alternatively, for systems that can tolerate
output voltage offsets, omitting R+IN2 and RF will mini-
mize output noise at the expense of larger output offset
voltage.
Using a single pole passive RC filter network at the output
of the LT6350, as shown in Figure 6, reduces the output
noisebandwidthandtherebyincreasesthesignal-to-noise
ratio of the system. For example, in a typical system with
output signals of 8VP-P,andasignalbandwidthof100kHz,
an RC output filter with RFILT = 100Ω and CDIFF = 6.8nF,
slightly increases the output spot noise from 8.2nV√Hz to
8.4nV√Hz, but will reduce the total integrated noise from
47µV (33MHz noise bandwidth) to 3.6µV (184kHz noise
bandwidth) and improve the SNR from 96dB to 118dB.
Keep in mind that long RC time constants in the output
filter can increase the settling time at the inputs of the
ADC; incomplete settling can cause gain errors or increase
apparent crosstalk in multiplexed systems.
OUTPUT PHASE BALANCE
The topology of the LT6350 is that of a noninverting stage
followed by an inverting stage. This topology presents
a high impedance single-ended input and provides low
impedance differential outputs. The output of the inverting
buffer, OUT2, is slightly delayed with respect to the output
of the noninverting buffer, OUT1. In the LT6350, the delay
from OUT1 to OUT2 over an input bandwidth from DC to
the differential f–3dB frequency is a nearly constant 6.8ns,
asshowninthegroupdelayplotintheTypicalPerformance
Characteristics section of this data sheet. The delay is
equivalent to a small phase offset from the nominal 180°
phase of the differential outputs. The size of the phase
offset grows with frequency. The phase imbalance causes
a small frequency-dependent common mode component
to appear at the outputs. A practical measure of this effect
can be found in the balance specification, which is defined
to be the change in output common mode level caused by
the presence of an output differential signal:
Balance
≡ ((VOUTDIFF/VIN)/(VOUTCM/VIN))
The balance of the LT6350 at any frequency, f, can be
approximated from the delay, td, between outputs:
Balance (dB)
≅ 20 • log((4)/(2 • π • f • td))
The approximation is very good from low frequencies up
to frequencies where the balance approaches 20dB, about
10MHz for the LT6350. At DC, the balance is limited by
the matching of the internal resistors that set the gain in
the inverting buffer. 1% matching of the resistors limits
the balance to 52dB at DC. At frequencies near the f–3dB
point of the differential transfer function, additional phase
lag and gain rolloff also contribute to balance. See the
balance plot in the Typical Performance Characteristics
for a detailed picture of Balance vs Input Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com