Electronic Components Datasheet Search
  English  ▼

X  

LM2599 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2599 Datasheet HTML 1Page - National Semiconductor (TI) LM2599 Datasheet HTML 2Page - National Semiconductor (TI) LM2599 Datasheet HTML 3Page - National Semiconductor (TI) LM2599 Datasheet HTML 4Page - National Semiconductor (TI) LM2599 Datasheet HTML 5Page - National Semiconductor (TI) LM2599 Datasheet HTML 6Page - National Semiconductor (TI) LM2599 Datasheet HTML 7Page - National Semiconductor (TI) LM2599 Datasheet HTML 8Page - National Semiconductor (TI) LM2599 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM2599
SIMPLE SWITCHER® Power Converter 150 kHz 3A
Step-Down Voltage Regulator, with Features
General Description
The LM2599 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 3A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5V, 12V, and an adjust-
able output version.
This series of switching regulators is similar to the LM2596
series, with additional supervisory and performance features
added.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, improved line and load specifications,
fixed-frequency oscillator, Shutdown/Soft-start, error flag de-
lay and error flag output.
The LM2599 series operates at a switching frequency of 150
kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators.
Available in a standard 7-lead TO-220 package with several
different lead bend options, and a 7-lead TO-263 Surface
mount package.
A standard series of inductors (both through hole and sur-
face mount types) are available from several different manu-
facturers optimized for use with the LM2599 series. This
feature greatly simplifies the design of switch-mode power
supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under all conditions of input voltage and output
load conditions, and ±15% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 80 µA
standby current. Self protection features include a two stage
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions.
Features
n
3.3V, 5V, 12V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
n
Guaranteed 3A output current
n
Available in 7-pin TO-220 and TO-263 (surface mount)
Package
n
Input voltage range up to 40V
n
150 kHz fixed frequency internal oscillator
n
Shutdown/Soft-start
n
Out of regulation error flag
n
Error output delay
n
Low power standby mode, I
Q typically 80 µA
n
High Efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to Negative converter
Note: † Patent Number 5,382,918.
Typical Application (Fixed Output Voltage Versions)
SIMPLE SWITCHER® and
Switchers Made Simple® are registered trademarks of National Semiconductor Corporation.
DS012582-1
December 2000
© 2001 National Semiconductor Corporation
DS012582
www.national.com


Similar Part No. - LM2599

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2599 TI2-LM2599 Datasheet
2Mb / 47P
LM2599 SIMPLE SWITCHER® Power Converter 150-kHz 3-A Step-Down Voltage Regulator, With Features
REVISED MAY 2016
logo
National Semiconductor ...
LM2599S-12 NSC-LM2599S-12 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2599S-12/NOPB TI1-LM2599S-12/NOPB Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599S-12/NOPB TI2-LM2599S-12/NOPB Datasheet
2Mb / 47P
LM2599 SIMPLE SWITCHER® Power Converter 150-kHz 3-A Step-Down Voltage Regulator, With Features
REVISED MAY 2016
More results

Similar Description - LM2599

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com