Electronic Components Datasheet Search
  English  ▼

X  

LM2599 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 7Page - National Semiconductor (TI) LM2599 Datasheet HTML 8Page - National Semiconductor (TI) LM2599 Datasheet HTML 9Page - National Semiconductor (TI) LM2599 Datasheet HTML 10Page - National Semiconductor (TI) LM2599 Datasheet HTML 11Page - National Semiconductor (TI) LM2599 Datasheet HTML 12Page - National Semiconductor (TI) LM2599 Datasheet HTML 13Page - National Semiconductor (TI) LM2599 Datasheet HTML 14Page - National Semiconductor (TI) LM2599 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM2599 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
3. Catch Diode Selection (D1)
A. The catch diode current rating must be at least 1.3 times
greater than the maximum load current. Also, if the power
supply design must withstand a continuous output short, the
diode should have a current rating equal to the maximum
current limit of the LM2599. The most stressful condition for
this diode is an overload or shorted output condition.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. This diode must be fast (short reverse recovery time) and
must be located close to the LM2599 using short leads and
short printed circuit traces. Because of their fast switching
speed and low forward voltage drop, Schottky diodes provide
the best performance and efficiency, and should be the first
choice, especially in low output voltage applications.
Ultra-fast recovery, or High-Efficiency rectifiers also provide
good results. Ultra-fast recovery diodes typically have re-
verse recovery times of 50 ns or less. Rectifiers such as the
IN5400 series are much too slow and should not be used.
3. Catch Diode Selection (D1)
A. Refer to the table shown in
Figure 11. In this example, a
5A, 20V, 1N5823 Schottky diode will provide the best perfor-
mance, and will not be overstressed even for a shorted
output.
4. Input Capacitor (C
IN)
A low ESR aluminum or tantalum bypass capacitor is needed
between the input pin and ground to prevent large voltage
transients from appearing at the input. In addition, the RMS
current rating of the input capacitor should be selected to be
at least 1⁄2 the DC load current. The capacitor manufacturers
data sheet must be checked to assure that this current rating
is not exceeded. The curve shown in
Figure 16 shows typical
RMS current ratings for several different aluminum electro-
lytic capacitor values.
This capacitor should be located close to the IC using short
leads and the voltage rating should be approximately 1.5
times the maximum input voltage.
If solid tantalum input capacitors are used, it is recomended
that they be surge current tested by the manufacturer.
Use caution when using ceramic capacitors for input bypass-
ing, because it may cause severe ringing at the V
IN pin.
For additional information, see section on input capaci-
tors in Application Information section.
4. Input Capacitor (C
IN)
The important parameters for the Input capacitor are the
input voltage rating and the RMS current rating. With a
nominal input voltage of 12V, an aluminum electrolytic ca-
pacitor with a voltage rating greater than 18V (1.5 x V
IN)
would be needed. The next higher capacitor voltage rating is
25V.
The RMS current rating requirement for the input capacitor in
a buck regulator is approximately 1⁄2 the DC load current. In
this example, with a 3A load, a capacitor with a RMS current
rating of at least 1.5A is needed. The curves shown in
Figure
16 can be used to select an appropriate input capacitor.
From the curves, locate the 35V line and note which capaci-
tor values have RMS current ratings greater than 1.5A. A
680 µF, 35V capacitor could be used.
For a through hole design, a 680 µF/35V electrolytic capaci-
tor (Panasonic HFQ series or Nichicon PL series or equiva-
lent) would be adequate. other types or other manufacturers
capacitors can be used provided the RMS ripple current
ratings are adequate.
For surface mount designs, solid tantalum capacitors are
recommended. The TPS series available from AVX, and the
593D series from Sprague are both surge current tested.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com