Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # TBC
Description  ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670, USB 3.2 Gen 1x1, SATA 3.0, GbE, VGA, DVI-D, and HDMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  TBC Datasheet HTML 1Page - Axiomtek Co., Ltd. TBC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMB542 NEW
Features
● LGA1700 socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor
● Four 288-pin DDR5-4400 non-ECC Long-DIMM, up to 192GB
● Supports triple-view with VGA, DVI-D, and HDMI interfaces
● Supports M.2 Key M 2280 and Key E 2230
● 6 USB 3.2 Gen 1x1 and 2 USB 3.2 Gen 1x1 (internal)
● TPM 2.0 supported
ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or
Celeron® Processor, Intel® Q670, USB 3.2 Gen 1x1, SATA 3.0, GbE, VGA, DVI-D, and HDMI
USB 3.2 Gen 1
Flexible Slots
M.2
Triple-View
Specifications
Core System
CPU
LGA1700 socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor (up to 125W)
System Memory
4 x 288-pin DDR5-4400 non-ECC Long-DIMM, up to 192GB
Chipset
Intel® Q670
BIOS
AMI BIOS
SSD
M.2 Key M 2280 with support for PCIe x4 via CPU
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
2 x PCIe x16 slot (signal: PCIe Gen4 x16 + PCIe Gen3 x4)
3 x Open-ended PCIe Gen4 x4 slot
1 x M.2 Key E 2230 (supports PCIe x1 + USB 2.0)
2 x 32-bit PCI slot; default clock is 33 MHz
Battery
Lithium 3 V/ 220 mAH
PCIe 4.0 x16
PCIe 4.0 x4
PCIe 4.0 x4
PCIe 3.0 x4
PCI
COM
Front panel
USB 2.0
GPIO
USB 3.2 Gen 1x1
M.2 Key E
SATA 3.0
M.2 Key M
USB 3.2 Gen 1x1
USB 3.2 Gen 1x1
VGA
HDMI
PS/2
DVI-D
Audio
RS-232 GbE
www.axiomtek.com
ATX Motherboards


Similar Part No. - TBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TBC ADVANTECH-TBC Datasheet
785Kb / 2P
LPWAN Connectivity Edge Intelligence Server
TBC ADVANTECH-TBC Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
logo
Exxelia Group
TBC EXXELIA-TBC Datasheet
558Kb / 12P
Discoidal Capacitors
revised 02/21
logo
France Joint
TBC FRANCEJOINT-TBC Datasheet
434Kb / 5P
STANDARD SHAFT SEALS
logo
Automatic Timing & Cont...
TBC ATC-TBC Datasheet
358Kb / 1P
On-Delay DIP Switch TDR
More results

Similar Description - TBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
AIMB-788 ADVANTECH-AIMB-788 Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
logo
BCM Advanced Research.
BC680R BCM-BC680R Datasheet
621Kb / 2P
Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
RX610H BCM-RX610H Datasheet
553Kb / 2P
Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com