Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # TBC
Description  ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® Processor, Intel® Q670, USB 3.2 Gen 1x1, SATA 3.0, GbE, VGA, DVI-D, and HDMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  TBC Datasheet HTML 1Page - Axiomtek Co., Ltd. TBC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Standard
IMB542-Q670-SP
(P/N: TBC)
ATX motherboard with LGA1700 socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor, Intel® Q670,
USB 3.2 Gen 1x1, SATA 3.0, GbE LAN, VGA, DVI-D, and HDMI (single packaging)
Optional
5938A808010E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=190 mm
5938A808020E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=400 mm
5948C122800E
2 x USB 3.2 Gen1 cable with bracket, L=400 mm
594G5208000E
SATA 3.0 signal cable, L=500 mm with locking latch
594G5208010E
SATA 3.0 signal cable, L=500 mm without locking latch
59380402010E
1 x COM port cable with bracket, P=2.54 mm, L=300 mm
59380703000E
2 x COM port cable with bracket, P=2.54 mm, L=300 mm
711000002500
CPU cooler for 2U, 4U, and wall mount chassis with smart fan
*Please refer to the user's manual for the system CPU support list.
Display
Chipset
Intel® UHD Graphics
Memory Size
Shared system memory
Display Interface
1 x VGA, up to 1920 x 1200 @ 60Hz
1 x HDMI 2.0, up to 4096 x 2160 @ 60Hz
1 x DVI-D, up to 1920 × 1200 @ 60Hz
I/O
SATA
4 x SATA-600 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage and supports smart fan control
Ethernet
1 x 10/100/1000 Mbps with Intel® I210-AT, supporting of Wake-on-LAN, PXE Boot ROM
1 x 10/100/1000 Mbps with Intel® I219-V
Audio
HD Codec audio as MIC-in/Line-in/Line-out
USB
6 x USB 3.2 Gen1x1 (5Gbps, rear I/O)
2 x USB 3.2 Gen1x1 (5Gbps, internal box header)
4 x USB 2.0 (internal pin header)
1 x USB 2.0 (internal 180D Type-A)
Serial
1 x RS-232 (rear I/O)
3 x RS-232 (internal box header)
1 x RS-232/422/485 (internal box header)
1 x RS-232/485 (internal box header)
PS/2 Combo Port
1 x PS/2 keyboard (rear I/O)
TPM
Not included by default; supports Intel® PTT as default
SMBus
Yes
Digital I/O
8-channel programmable
Mechanical and Environmental
Dimensions
305 x 244 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Relative Humidity
10% to 95% relative humidity, non-condensing
Updated Jan. 23, 2025.
Specifications
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Dec. 08, 2025.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com