Electronic Components Datasheet Search
  English  ▼

X  

PICO570 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO570
Description  Pico-ITX SBC with Intel® Core™ Ultra Processors (Series 1), HDMI, LVDS, 2.5GbE LAN, and GbE LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO570 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO570 Datasheet HTML 1Page - Axiomtek Co., Ltd. PICO570 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.axiomtek.com
Pico-ITX SBCs
PICO570 NEW
Specifications
Core System
CPU
Intel® Core™ Ultra processors (series 1) onboard
System Memory
1 x 262-pin DDR5-5600 SO-DIMM, up to 48GB
Chipset
SoC integrated
BIOS
AMI
SSD
1 x M.2 Key M 2280 (PCIe x4)
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x M.2 Key E 2230 (PCIe x1, USB 2.0)
Battery Lithium
Lithium 3V/220 mAh
Power Input
2 x 2-pin connector
+12V DC-in only
AT auto power on function supported
Power Requirements
TBD
Bottom view
COM
M.2 Key M
M.2 Key E
Side view
HDMI
2 x USB 3.2
12V DC
power input
LVDS
2.5GbE LAN
GbE LAN
DDR5-5600 SO-DIMM
2 x USB 2.0
Pico-ITX SBC with Intel® Core™ Ultra Processors (Series 1), HDMI, LVDS, 2.5GbE LAN, and GbE LAN
Features
● Intel® Core™ Ultra processors (series 1)
● 1 DDR5 SO-DIMM, up to 64GB
● 2.5GbE LAN and GbE LAN
● M.2 Key E
● M.2 Key M
DDR5
M.2
+12V
All Solid Caps
Dual-View
2.5GbE
2.5G


Similar Part No. - PICO570

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500 Datasheet
260Kb / 1P
1 USB 2.0 and 1 Gigabit LAN ports
PICO500HGA-I3-6100U AXIOMTEK-PICO500HGA-I3-6100U Datasheet
260Kb / 1P
1 USB 2.0 and 1 Gigabit LAN ports
PICO500HGA-I7-6600U AXIOMTEK-PICO500HGA-I7-6600U Datasheet
260Kb / 1P
1 USB 2.0 and 1 Gigabit LAN ports
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
PICO511 AXIOMTEK-PICO511 Datasheet
280Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 and Celeron짰 Processor
More results

Similar Description - PICO570

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO843VGA-J1900 AXIOMTEK-PICO843VGA-J1900 Datasheet
305Kb / 2P
Pico-ITX SBC with Intel짰 Celeron짰 Processor J1900/N2807, LVDS/VGA, LAN and Audio
PICO121 AXIOMTEK-PICO121_17 Datasheet
370Kb / 1P
Pico ITX SBC with AMD Embedded G-Series SoC, VGA/LVDS, LAN and Audio
PICO316 AXIOMTEK-PICO316 Datasheet
508Kb / 1P
Pico-ITX SBC with Intel Pentium N4200/Celeron N3350, HDMI/LVDS
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
PICO840 AXIOMTEK-PICO840_17 Datasheet
370Kb / 1P
Pico-ITX SBC with Intel Atom Processor E3845/E3827 LVDS/ VGA (HDMI)
PICO841 AXIOMTEK-PICO841_17 Datasheet
302Kb / 1P
Pico-ITX SBC with Intel Atom Processor E3845/E3827, LVDS/VGA, LAN and Audio
PICO842 AXIOMTEK-PICO842_17 Datasheet
368Kb / 1P
Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA (HDMI)
logo
Advantech Co., Ltd.
MIO-2375 ADVANTECH-MIO-2375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
16-Jun-2022
PCA-6013 ADVANTECH-PCA-6013 Datasheet
1Mb / 2P
Intel® Atom™ N455/D525 SBC with VGA/Dual GbE LAN
5-Jun-2015
logo
AAEON Technology
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com