Electronic Components Datasheet Search
  English  ▼

X  

PICO570 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # PICO570
Description  Pico-ITX SBC with Intel® Core™ Ultra Processors (Series 1), HDMI, LVDS, 2.5GbE LAN, and GbE LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO570 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  PICO570 Datasheet HTML 1Page - Axiomtek Co., Ltd. PICO570 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Nov. 25, 2025.
Display
Chipset
Intel® Arc Xe-LPG Graphics
Memory Size
Share system memory
Display Interface
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
I/O
SATA
N/A
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® I219-LM, supporting Wake-on-LAN and PXE Boot ROM
1 x 10/100/1000/2500 Mbps Ethernet with Intel® I226-V, supporting Wake-on-LAN and PXE Boot ROM
Audio
HD Audio link via pin header
USB
2 x USB 2.0
2 x USB 3.2
Serial
1 x RS-232/422/485
TPM
fTPM 2.0 supported by Intel® Platform Trust Technology (PTT)
SMBus
Yes
Digital I/O
4-channel in/out programmable
Mechanical and Environmental
Dimensions
100 x 72 mm
Board Thickness
1.6 mm
Operating Temperature -20°C to +60°C (-4°F to +140°F)
Relative Humidity
10% to 95% relative humidity, non-condensing
Ordering Information
Standard
PICO570-U7
(P/N: TBD)
Pico-ITX SBC with Intel® Core™ Ultra 7 processor 155U, HDMI, LVDS, GbE LAN, and 2.5GbE LAN
PICO570-U5
(P/N: TBD)
Pico-ITX SBC with Intel® Core™ Ultra 5 processor 125U, HDMI, LVDS, GbE LAN, and 2.5GbE LAN
Optional
AX93A19
(P/N: E393A19100)
SIM card slot board
AX93A22
(P/N: E393A22100)
HD codec audio board for Mic-in/Line-in/Line-out
594H51R2810E
USB cable, 2 × 5P DuPont P2.0 to 2 × USB 4P, L=18 cm
59380880250E
COM port cable DB-9 x 1P, P=1.25 mm, L=250 mm
Packing List
Accessories
591000014500
Power cable, L=100 mm
8593A241000E
AX93A24, RJ-45 I/O board
590000059300
LAN cable, P=2.0, 200 mm
Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com