Electronic Components Datasheet Search
  English  ▼

X  

L78S09T Datasheet(PDF) 17 Page - STMicroelectronics

Part # L78S09T
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L78S09T Datasheet HTML 13Page - STMicroelectronics L78S09T Datasheet HTML 14Page - STMicroelectronics L78S09T Datasheet HTML 15Page - STMicroelectronics L78S09T Datasheet HTML 16Page - STMicroelectronics L78S09T Datasheet HTML 17Page - STMicroelectronics L78S09T Datasheet HTML 18Page - STMicroelectronics L78S09T Datasheet HTML 19Page - STMicroelectronics L78S09T Datasheet HTML 20Page - STMicroelectronics L78S09T Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Figure 27 : High Input and Output Voltage.
Figure 28 : Reducing Power Dissipation with
Dropping Resistor.
VO =VXX +VZ1
Vi(min) –VXX –VDROP(max)
R=
IO(max) +Id(max)
Figure 29 : Remote Shuntdown.
Figure 30 : Power AM Modulator (unity voltage
gain, Io
≤ 1A).
Note : The circuit performs well up to 100KHz.
Figure 31 : Adjustable Output Voltage with Tem-
perature Compensation.
Note :Q2 is connected as a diode in order to compensat e
the vari ati on of the Q1 VBE wi th the temper atur e. C
all ows a slow rise-t ime of the VO
R2
VO =VXX (1 +
) + VBE
R1
L78S00 SERIES
17/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21