Electronic Components Datasheet Search
  English  ▼

X  

L78S09T Datasheet(PDF) 19 Page - STMicroelectronics

Part # L78S09T
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09T Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L78S09T Datasheet HTML 13Page - STMicroelectronics L78S09T Datasheet HTML 14Page - STMicroelectronics L78S09T Datasheet HTML 15Page - STMicroelectronics L78S09T Datasheet HTML 16Page - STMicroelectronics L78S09T Datasheet HTML 17Page - STMicroelectronics L78S09T Datasheet HTML 18Page - STMicroelectronics L78S09T Datasheet HTML 19Page - STMicroelectronics L78S09T Datasheet HTML 20Page - STMicroelectronics L78S09T Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.00
13.10
0.433
0.516
B
0.97
1.15
0.038
0.045
C
1.50
1.65
0.059
0.065
D
8.32
8.92
0.327
0.351
E
19.00
20.00
0.748
0.787
G
10.70
11.10
0.421
0.437
N
16.50
17.20
0.649
0.677
P
25.00
26.00
0.984
1.023
R
4.00
4.09
0.157
0.161
U
38.50
39.30
1.515
1.547
V
30.00
30.30
1.187
1.193
C
D
R
A
P
G
P003F
TO-3 MECHANICAL DATA
L78S00 SERIES
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21