Electronic Components Datasheet Search
  English  ▼

X  

T568B Datasheet(PDF) 3 Page - TUK Ltd

Part # T568B
Description  Category 6A field termination plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

T568B Datasheet(HTML) 3 Page - TUK Ltd

  T568B Datasheet HTML 1Page - TUK Ltd T568B Datasheet HTML 2Page - TUK Ltd T568B Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Instruction Manual
White/Orange
Orange
White/Green
Green
White/Green
Green
Blue
White/Blue
Blue
White/Blue
White/Brown
Brown
White/Orange
Orange
White/Brown
Brown
1
2
3
6
4
5
7
8
TIA / EIA
T568B
Yellow
Orange
White
Blue
INDUSTRIAL
TIA / EIA
T568A
Fan out all four twisted pairs, following the
color coding label and allocate each conductors
into proper slots on wiring cap.
Trim the ends of conductors.
1
Remove the wiring label before place
wiring cap on plug.
Place the wiring cap onto plug, use plier to clamp wiring
cap until it completely snap-in to effect the connection.
Close plug cover, make sure the
drain wire is in proper contact with
grounding clip on plug.
Pull back strain relief boot to cover
the plug, fasten supplied cable tie
to secure grounding contact.
3
4
6
5
Insert cable into strain relief boot, strip
off 1.2 inch of cable jacket, fold back the
drain wire.
2
Remove the stopper before installation.
Cover Stopper
Open shielded cap
Cut off cable tie, remove the boot. Using flat screw driver and pry gently
on plug cover one end first and the other end subsequently to open it.
Unload the cable
Cut the end of boot to fit your cable OD.
Boot adjustment
Wiring Label
Remove boot
1.2"(30mm)
Drain Wire
Cable Tie
Cut off cable tie
NB.Designed for lengths of 4m or more.
Shorter lengths may not have full Category 6A performance
PGSmc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com