Electronic Components Datasheet Search
  English  ▼

X  

T568B Datasheet(PDF) 1 Page - TUK Ltd

Part # T568B
Description  Category 6A field termination plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

T568B Datasheet(HTML) 1 Page - TUK Ltd

  T568B Datasheet HTML 1Page - TUK Ltd T568B Datasheet HTML 2Page - TUK Ltd T568B Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Category 6A field termination plug
Category 6A field termination plug (PGSmc)
TUK’s Cat6A field termination plug is the RJ45 plug for time-saving and efficient on-site assembly for all
networks, from Voice right through to 10 Gigabit Ethernet. It can be assembled on all standard types of
cable, quickly and with no requirement of special tools. Whether in the office, data centre, in industry or in
home networks – the Cat6A field termination plug offers flexibility and saves time and money on installation,
repairs and maintenance.
Features
Category 6A Class EA Field Termination Plug, with 568A/B and PNO wiring label
Robust industrial fully shielded design
Works with solid or stranded cable
Suitable for use with a wide range of cable outer diameter and core sizes – 6-9mm cable OD, 22-27
AWG cores (core including insulation up to OD 1.6mm)
Reusable (27AWG cable only reusable up to 5 times)
No tools required for time saving and efficient termination on site
Rated for 750 mechanical cycles
Note: not ideal for short length (4m or less) Category 6A patch cords
Specifications
Materials:
o
RJ45 plug: housing: nickel plated zinc-alloy, contacts: 50µ”/1.27µm gold plating over phosphor
bronze
plug cover: ABS, plug latch: POM
o
RJ45 jack: housing nickel plated zinc-alloy
o
IDC: housing and cover: PC FR, terminals/contacts: tin plated phosphor bronze
o
Earthing plate: SUS304
o
Strain relief: PP
17/05/2016


Similar Part No. - T568B

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
T568B PANDUIT-T568B Datasheet
628Kb / 4P
24 AWG solid or stranded conductor maximum insulated diameter 0.040 in
logo
Videk Ltd
T568B VIDEK-T568B Datasheet
196Kb / 1P
Cat5e UTP RJ45 Male to Female Extension Cables
More results

Similar Description - T568B

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HJU6ABK HUBBELL-HJU6ABK Datasheet
362Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6ABK24 HUBBELL-HJU6ABK24 Datasheet
360Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6ABN HUBBELL-HJU6ABN Datasheet
364Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGL24 HUBBELL-HJU6AGL24 Datasheet
364Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGY HUBBELL-HJU6AGY Datasheet
361Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AGY24 HUBBELL-HJU6AGY24 Datasheet
357Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AP24 HUBBELL-HJU6AP24 Datasheet
359Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6APK24 HUBBELL-HJU6APK24 Datasheet
360Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
HJU6AR HUBBELL-HJU6AR Datasheet
366Kb / 1P
Category 6A Jack with Cobra-Lock??Termination
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com