Electronic Components Datasheet Search
  English  ▼

X  

PXD-M Datasheet(PDF) 3 Page - TDK Electronics

Part # PXD-M
Description  30W Medical and Industrial DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD-M Datasheet(HTML) 3 Page - TDK Electronics

  PXD-M Datasheet HTML 1Page - TDK Electronics PXD-M Datasheet HTML 2Page - TDK Electronics PXD-M Datasheet HTML 3Page - TDK Electronics PXD-M Datasheet HTML 4Page - TDK Electronics PXD-M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PXD-M Series
3
Notes
See website for detailed specifications, test methods and installation manual
(1): Measured with a 20MHz bandwidth oscilloscope across a 10uF 25V X7R MLCC (4.7uF 50V for 24V models)
(2). The case temperature must be confirmed in end application. The product rating may be affected by airflow direction and physical obstructions near the module.
Specifications
Model
PXD-M30
Output
Output Voltage Tolerance
%
±1
Output Voltage Adjustment
%
Single output only. 5V: 4.5 -5.5V, 12V: -10.8 - 13.2V, 15V: 13.5 - 18V, 24V: 21.6 - 28.8V
Switching Frequency
kHz
225 - 285
Line Regulation
%
Single output: ±0.2. Dual output: ±0.5
Load Regulation
%
Single output: ±0.2. Dual output: ±1
Cross Regulation
%
Dual output: ±5 (Asymmetrical 25% to 100% load change)
External Load Capacitance
uF
See model selector table
Ripple & Noise (1)
mV
Single output: 5V outputs: 50, 12V outputs: 75, 15/24V outputs: 100
Dual output: ±5V outputs: 50, ±12/15V outputs: 75
Temperature Coefficient
%/°C
±0.02
Minimum Load
-
No minimum load required
Transient Loading
-
250us recovery time for a 25% load change
Overcurrent Protection
-
Hiccup mode. 150 - 185%
Overvoltage Protection
V
Zener clamp method. 5V: 6.2V, 12V: 15V, 15V: 20V, 24V: 30V (typical)
Overtemperature Protection
-
Shutdown, typically 115°C
Remote Sense
No remote sense
Remote On/Off
Positive Logic (-P): ON: Open or 3.5-12V, OFF Short or 0-1.2V
Negative Logic (-N): ON: Short or 0-1.2V, OFF: Open or 3.5-12V
Parallel Operation
-
Not possible
Series Operation
-
Possible
Environmental
Operating Temperature (2)
°C
Convection:-40 to +105, derate linearly to zero load from +40 to 105
Forced air (200LFM):-40 to +105, derate linearly to zero load from +73 to 105.
(Model dependent, confirm case temperatures in end system)
Maximum Case Temperature
°C
105. Measured centrally on the upper case (module top view)
Thermal Impedance
°C/W
12.85
Storage Temperature
°C
-55 to +125
Humidity (non condensing)
%RH
5 - 95 (Operating & Storage)
Cooling
-
Convection or forced air
Altitude
m
5,000 (operating)
Withstand Voltage (For 1 minute)
VAC
Input to output 5,000 (2xMOPPs)
Isolation Capacitance
pF
20
Vibration (Operating)
-
MIL-STD-810F
Thermal Shock
-
MIL-STD-810F
Other
Weight (Typ)
g
32
Size (LxWxH)
mm
50.8 x 25.4 x 10.2
Size (LxWxH)
Inches
2 x 1 x 0.4
Case Material
-
Non-conductive black plastic. (Silicone (UL94 V-0) potting)
MTBF - MIL-HDBK-217F, Full Load
Hours
1,137,000
Warranty
yrs
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com