Electronic Components Datasheet Search
  English  ▼

X  

PXD-M Datasheet(PDF) 1 Page - TDK Electronics

Part # PXD-M
Description  30W Medical and Industrial DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD-M Datasheet(HTML) 1 Page - TDK Electronics

  PXD-M Datasheet HTML 1Page - TDK Electronics PXD-M Datasheet HTML 2Page - TDK Electronics PXD-M Datasheet HTML 3Page - TDK Electronics PXD-M Datasheet HTML 4Page - TDK Electronics PXD-M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PXD-M Series
30W Medical and Industrial DC-DC Converters
PXD-M Series
1
Features
Benefits
The PXD-M series of medical and industrial DC-DC converters feature a wide 4:1 input range in a compact 2 x 1” (50.8 x 25mm) industry standard pack-
age. With 5kV input to output isolation, 2.5uA touch current and a low off-load power draw, these encapsulated modules are ideal for fixed and portable
applications.
• Wide 4:1 Input Range
• Compact 2” x 1” Industry Package
• Certified to IEC 60601-1 and IEC 62368-1
• 2 x MOPP Isolation
• Low No Load Power Consumption
• Supports Dual 12/24V or 24/48V System Voltages
• Less Board Area Needed
• Suitable For Medical and Industrial Applications
• High Input to Output Isolation
• Longer Battery Life
https://product.tdk.com/en/power/pxd-m
www.emea.tdk-lambda.com/pxd-m
Model Selector
Model
Input
Output
Maximum
Maximum
No Load Input
Efficiency
Maximum Load
Voltage (V)
Voltage (V)
Current (A)
Power (W)
Current (mA)
(%)
Capacitance (uF)
Single Outputs
PXD-M30-24WS05
9 - 36
5
6
30
9
88.5
7200
PXD-M30-24WS12
9 - 36
12
2.5
30
10
89
1200
PXD-M30-24WS15
9 - 36
15
2
30
10
90.5
1000
PXD-M30-24WS24
9 - 36
24
1.25
30
10
89.5
375
PXD-M30-48WS05
18 - 75
5
6
30
8
89
7200
PXD-M30-48WS12
18 - 75
12
2.5
30
9
89
1200
PXD-M30-48WS15
18 - 75
15
2
30
8
90
1000
PXD-M30-48WS24
18 - 75
24
1.25
30
9
89
375
Dual Outputs
PXD-M30-24WD05
9 - 36
±5
±3.0
30
10
86
±3600
PXD-M30-24WD12
9 - 36
±12
±1.25
30
10
89.5
±750
PXD-M30-24WD15
9 - 36
±15
±1.0
30
9
90
±500
PXD-M30-48WD05
18 - 75
±5
±3.0
30
9
86.5
±3600
PXD-M30-48WD12
18 - 75
±12
±1.25
30
9
90
±750
PXD-M30-48WD15
18 - 75
±15
±1.0
30
8
89.5
±500
PXD-M-
30
-24W
S
05
-N
S Single Output
D Dual Output
30 30W Output Power
-24W 9 - 36V input
-48W 18 - 75V input
Blank No Remote On/Off
-N
Negative Logic Remote On/Off
-P
Positive Logic Remote On/Off
05 5V Output Voltage
12 12V Output Voltage
15 15V Output Voltage
24 24V Output Voltage
Preferred model


Similar Part No. - PXD-M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD-M30-24WD05 TDK-PXD-M30-24WD05 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WD12 TDK-PXD-M30-24WD12 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WD15 TDK-PXD-M30-24WD15 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WS05 TDK-PXD-M30-24WS05 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WS12 TDK-PXD-M30-24WS12 Datasheet
283Kb / 2P
DC-DC Converters
More results

Similar Description - PXD-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
30W, Triple Output DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
30W Isolated Wide-Range DC/DC Converters
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXC-M10 TDK-PXC-M10 Datasheet
625Kb / 2P
10W Medical & Industrial DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
30W Wide Voltage Input DC/DC Converters
logo
Wall Industries,Inc.
LANE6KV WALL-LANE6KV_16 Datasheet
513Kb / 5P
1 Watt Medical & Industrial DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com