Electronic Components Datasheet Search
  English  ▼

X  

PR250SA Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # PR250SA
Description  Handheld Digital Storage Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR250SA Datasheet(HTML) 5 Page - B&K Precision Corporation

  PR250SA Datasheet HTML 1Page - B&K Precision Corporation PR250SA Datasheet HTML 2Page - B&K Precision Corporation PR250SA Datasheet HTML 3Page - B&K Precision Corporation PR250SA Datasheet HTML 4Page - B&K Precision Corporation PR250SA Datasheet HTML 5Page - B&K Precision Corporation PR250SA Datasheet HTML 6Page - B&K Precision Corporation PR250SA Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.bkprecision.com
Handheld Digital Storage Oscilloscopes
2510 Series
5
Models
2511
2512
2515
2516
Performance Characteristics
Bandwidth
60 MHz
100 MHz
60 MHz
100 MHz
Real Time Sampling Rate
1 GSa/s (half-channel interleaved)(1), 500 MSa/s (per channel)
Channels
2 non-isolated
2 isolated
Rise Time
< 5.8 ns
< 3.5 ns
< 5.8 ns
< 3.5 ns
Ch-to-Ch Isolation (both
channels at same V/div setting)
> 100:1 at 50 MHz
Memory Depth
40 kpts (half-channel interleaved)(1)(2), 20 kpts (per channel)
Deep Memory(3)
2 Mpts (half-channel interleaved)(1), 1 Mpts (per channel)
Vertical Resolution
8 bits
Vertical Sensitivity
2 mV/div – 100 V/div (1-2-5 order)
5 mV/div – 100 V/div (1-2-5 order)
DC Gain Accuracy
5 mV/div-100 V/div:
≤ ± 4 %
Max. BNC Input Voltage
CATII 300 Vrms from BNC signal to BNC shell
Max. Input Voltage for Probe
PR150SA(4) : 1x/10x CAT II 300 V
PR250SA(5)(6): 10x CAT III 600 V, CATII 1000 V
Channel Voltage Offset Range
2 mV - 200 mV : ±1.6 V
206 mV - 10 V : ±40 V
10.2 V - 100 V : ±400 V
5 mV - 200 mV : ±1.6 V
206 mV - 10 V : ±40 V
10.2 V - 100 V : ±400 V
Bandwidth Limit
20 MHz (-3 dB)
Horizontal Scan Range
5.0 nS/div - 50 S/div
2.5 nS/div - 50 S/div
5.0 nS/div - 50 S/div
2.5 nS/div - 50 S/div
Timebase Accuracy
± 50 ppm measured over 1 ms interval
Input Coupling
AC, DC, GND
Input Impedance
1 M
Ω +/- 2 % || 18 pF ± 3 pF
1 M
Ω +/- 2 % || 16 pF ± 3 pF
Probe Attenuation Selectable Factors
1X, 5X, 10X, 50X, 100X, 500X, 1000X
Vertical and Horizontal Zoom
Vertically or horizontally expand or compress a live or stopped waveform
I/O Interface
USB
USB host port support USB flash drives (FAT format)
mini-USB device port for PC connectivity and probe compensation
Acquisition Modes
Sampling
Display sample data only
Peak Detect
Capture the maximum and minimum values of a signal
Average
Waveform averaged, selectable from 4, 16, 32, 64, 128, 256
Trigger System
Trigger Types
Edge, Pulse Width, Video*, Slope, Alternative
*Support signal formats: PAL/SECAM, NTSC
Trigger condition: odd field, even field, all lines, or line number
Trigger Modes
Auto, Normal, Single
Trigger Coupling
AC, DC, LF reject, HF reject
Trigger Source
CH1, CH2
Trigger Level Range
± 6 divisions from center of display
Trigger Displacement
Pre-trigger: Memory depth / 2* sampling
Delay Trigger: 268.04 div
Pulse Width Trigger
Positive slope (>, <, =), Negative slope (>, <, =), Time: 20 ns - 10 s
Slope Trigger
Positive slope (>, <, =), Negative slope (>, <, =), Time: 20 ns - 10 s
Alternate Trigger
CH1 trigger type: Edge, Pulse, Video, Slope
CH2 trigger type: Edge, Pulse, Video, Slope
Digital Storage Oscilloscope Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com