Electronic Components Datasheet Search
  English  ▼

X  

PR250SA Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # PR250SA
Description  Handheld Digital Storage Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR250SA Datasheet(HTML) 6 Page - B&K Precision Corporation

  PR250SA Datasheet HTML 1Page - B&K Precision Corporation PR250SA Datasheet HTML 2Page - B&K Precision Corporation PR250SA Datasheet HTML 3Page - B&K Precision Corporation PR250SA Datasheet HTML 4Page - B&K Precision Corporation PR250SA Datasheet HTML 5Page - B&K Precision Corporation PR250SA Datasheet HTML 6Page - B&K Precision Corporation PR250SA Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.bkprecision.com
Handheld Digital Storage Oscilloscopes
2510 Series
6
Digital Storage Oscilloscope Specifications (cont.)
Hardware Frequency Counter
Reading Resolution
1 Hz
Range
DC couple, 10 Hz to MAX bandwidth
Signal Types
Satisfying all trigger signals (except pulse width trigger and video trigger)
Waveform Math and Measure
Math Operation
Add, Subtract, Multiply, Divide, FFT
FFT
Window mode: Hanning, Hamming, Blackman, Rectangular Sampling points: 1024
Measure
Vpp, Vmax, Vmin, Vamp, Vtop, Vbase, Vavg, Mean, Crms, Vrms, ROVShoot, FOVShoot, RPREShoot, FPREShoot,
Rise, Fall, Freq, Prd, +Wid, -Wid, +Dut, -Dut, BWid, Phas, FRR, FRF, FFR, FFF, LRR, LRF, LFR, LFF
Cursors
Types
Voltage, Time
Measurements
∆V, ∆T, 1/∆T (frequency)
Display System
Display
5.7” Color TFT, 320 x 234 resolution, 64K color
Display Contrast (Typical)
150:1
Backlight Intensity (Typical)
300 nits
Wave Display Range
8 x 12 div
Wave Display Mode
Dots, Vector
Persistence
Off, 1 sec, 2 sec, 5 sec, Infinite
Menu Display
2 sec, 5 sec, 10 sec, 20 sec, Infinite
Screen-Saver
Off, 1 min., 2 min., 5 min., 10 min., 15 min., 30 min., 1 hr, 2 hr, 5 hr
Waveform Interpolation
Sin(x)/x, Linear
Measure Display Modes
Main, Window zoom, Scan, X-Y
X-Y Sampling Frequency
Support 25 kSa/s - 250 MSa/s sampling rate (1-2.5-5 order)
Color Mode
Normal, Invert
Model
2511
2512
2515
2516
Environmental and Safety
Temperature
Operating: 32 °F to 104 °F (0 °C to +40 °C)
Not operating: -4 °F to 158 °F (-20 °C to +70 °C)
Humidity
Operating: 85% RH, 104 °F (40 °C), 24 hours
Altitude
Operating: 9,842.5 ft (3,000 m)
Electromagnetic Compatibility
EMC Directive 2004/108/EC, EN61326:2006
Safety
Low voltage directive 2006/95/EC, EN61010-1:2001
General
Storage Memory
2 reference waveforms, 20 setups, 10 waveforms
AC Adapter Power Requirements
Input: 100-240 VAC, 50/60 Hz
Output: 9V DC, 4 A
Battery Rating
5000 mAh, 7.4 VDC
Battery Charge Time
Approx. 4 hrs
Battery Operating Time
Approx. 4 hrs
Dimensions (W x H x D)
6.42” x 10.21” x 2.10” (163.2 x 259.5 x 53.3 mm)
Weight
Approx. 3.4 lbs (1.54 kg) including battery
Three-Year Warranty
(1) Half channel operation means that only Ch1 or Ch2 is active.
(2) When sampling rate is 1 GSa/s. For sampling rate
≤500 MSa/s, the maximum memory depth is 20 kpts.
(3) When sampling rate is < 500 MSa/s and maximum data depth mode is enabled.
(4) Probe included with models 2511 and 2512 only.
(5) Probe included with models 2515 and 2516 only.
(6) Refer to respective probe’s manual for more information on the specification.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com