Electronic Components Datasheet Search
  English  ▼

X  

LTC6244 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6244
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6244 Datasheet HTML 3Page - Linear Technology LTC6244 Datasheet HTML 4Page - Linear Technology LTC6244 Datasheet HTML 5Page - Linear Technology LTC6244 Datasheet HTML 6Page - Linear Technology LTC6244 Datasheet HTML 7Page - Linear Technology LTC6244 Datasheet HTML 8Page - Linear Technology LTC6244 Datasheet HTML 9Page - Linear Technology LTC6244 Datasheet HTML 10Page - Linear Technology LTC6244 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6244
7
6244f
ELECTRICAL CHARACTERISTICS (LTC6244H) The ● denotes the specifications which apply from –40°C to
125°C, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large Signal Voltage Gain
VO = 1V to 4V
RL = 10k to VS/2
●
350
V/mV
VO = 1.5V to 3.5V
RL = 1k to VS/2
●
125
V/mV
VOL
Output Voltage Swing Low (Note 9)
No Load
ISINK = 1mA
ISINK = 5mA
●
●
●
40
85
325
mV
mV
mV
VOH
Output Voltage Swing High (Note 9)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
●
●
●
40
85
325
mV
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 6V, VCM = 0.2V
●
75
dB
PSRR Match
Channel-to-Channel (Note 5)
●
73
dB
Minimum Supply Voltage (Note 10)
●
2.8
V
ISC
Short-Circuit Current
●
20
mA
IS
Supply Current per Amplifier
●
6.25
7.4
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
●
30
MHz
SR
Slew Rate (Note 11)
AV = –2, RL = 1kΩ
●
17
V/µs
FPBW
Full Power Bandwidth (Note 12)
VOUT = 3VP-P, RL = 1kΩ
●
1.8
MHz
(LTC6244H) The
● denotes the specifications which apply from –40°C to 125°C, otherwise specifications are at TA = 25°C. VS = 3V, 0V,
VCM = 1.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
MS8 Package
●
40
175
400
µV
µV
VOS Match Channel-to-Channel (Note 5) MS8 Package
●
40
200
420
µV
µV
IB
Input Bias Current (Notes 4, 7)
●
1
2
pA
nA
IOS
Input Offset Current (Notes 4, 7)
●
0.5
250
pA
pA
VCM
Input Voltage Range
Guaranteed by CMRR
●
0
1.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 1.5V
●
70
dB
CMRR Match
Channel-to-Channel (Note 5)
●
68
dB
AVOL
Large Signal Voltage Gain
VO = 1V to 2V
RL = 10k to VS/2
●
75
V/mV
VOL
Output Voltage Swing Low (Note 9)
No Load
ISINK = 1mA
●
●
30
110
mV
mV
VOH
Output Voltage Swing High (Note 9)
No Load
ISOURCE = 1mA
●
●
30
110
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 6V, VCM = 0.2V
●
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com