Electronic Components Datasheet Search
  English  ▼

X  

LTC6244 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6244
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6244 Datasheet HTML 10Page - Linear Technology LTC6244 Datasheet HTML 11Page - Linear Technology LTC6244 Datasheet HTML 12Page - Linear Technology LTC6244 Datasheet HTML 13Page - Linear Technology LTC6244 Datasheet HTML 14Page - Linear Technology LTC6244 Datasheet HTML 15Page - Linear Technology LTC6244 Datasheet HTML 16Page - Linear Technology LTC6244 Datasheet HTML 17Page - Linear Technology LTC6244 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC6244
14
6244f
APPLICATIO S I FOR ATIO
Amplifier Characteristics
Figure 1 is a simplified schematic of the LTC6244, which
has a pair of low noise input transistors M1 and M2. A
simple folded cascode Q1, Q2 and R1, R2 allow the input
stage to swing to the negative rail, while performing level
shift to the Differential Drive Generator. Low offset voltage
is accomplished by laser trimming the input stage.
Capacitor C1 reduces the unity cross frequency and im-
proves the frequency stability without degrading the gain
bandwidth of the amplifier. Capacitor CM sets the overall
amplifier gain bandwidth. The differential drive generator
supplies signals to transistors M3 and M4 that swing the
output from rail-to-rail.
The photo of Figure 2 shows the output response to an
input overdrive with the amplifier connected as a voltage
follower. If the negative going input signal is less than
a diode drop below V–, no phase inversion occurs. For
input signals greater than a diode drop below V–, limit the
current to 3mA with a series resistor RS to avoid phase
inversion.
The input common mode voltage range extends from
V– to V+ – 1.5V. In unity gain voltage follower applications,
exceeding this range by applying a signal that reaches 1V
from the positive supply rail can create a low level instability
at the output. Loading the amplifier with several hundred
micro-amps will reduce or eliminate the instability.
ESD
The LTC6244 has reverse-biased ESD protection diodes on
all input and outputs as shown in Figure 1. These diodes
protect the amplifier for ESD strikes to 4kV. If these pins
are forced beyond either supply, unlimited current will
flow through these diodes. If the current transient is less
than 1 second and limited to one hundred milliamps or
less, no damage to the device will occur.
The amplifier input bias current is the leakage current of
these ESD diodes. This leakage is a function of the tem-
perature and common mode voltage of the amplifier, as
shown in the Typical Performance Chacteristics.
Noise
The LTC6244 exhibits low 1/f noise in the 0.1Hz to 10Hz
region. This 1.5µVP-P noise allows these op amps to be
used in a wide variety of high impedance low frequency
applications, where Zero-Drift amplifiers might be inap-
propriate due to their input sampling characteristic.
In the frequency region above 1kHz the LTC6244 also
shows good noise voltage performance. In this frequency
region, noise can easily be dominated by the total source
Figure 1. Simplified Schematic
Figure 2. Unity Gain Follower Test Circuit
R2
6244 F01
VIN
+
ITAIL
VIN
–
VO
V+
V+
V–
V–
V–
CM
DESD5
DIFFERENTIAL
DRIVE
GENERATOR
BIAS
DESD6
V+
DESD2
V+
DESD4
V–
DESD1
V–
DESD3
R1
Q1
M2
M1
M3
M4
C1
Q2
+2.5V
RS
0
Ω
–2.5V
6244 F02
–
+
1/2
LTC6244
VIN
VOUT
VOUT AND VIN OF FOLLOWER WITH LARGE INPUT OVERDRIVE
V+
2.5V
V–
–2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com