Electronic Components Datasheet Search
  English  ▼

X  

MAX4445ESE Datasheet(PDF) 5 Page - Analog Devices

Part # MAX4445ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4445ESE Datasheet(HTML) 5 Page - Analog Devices

  MAX4445ESE Datasheet HTML 1Page - Analog Devices MAX4445ESE Datasheet HTML 2Page - Analog Devices MAX4445ESE Datasheet HTML 3Page - Analog Devices MAX4445ESE Datasheet HTML 4Page - Analog Devices MAX4445ESE Datasheet HTML 5Page - Analog Devices MAX4445ESE Datasheet HTML 6Page - Analog Devices MAX4445ESE Datasheet HTML 7Page - Analog Devices MAX4445ESE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
_______________________________________________________________________________________
5
INPUT
250mV/div
OUTPUT
500mV/div
5ns/div
MAX4445
LARGE-SIGNAL PULSE RESPONSE
0
1000
2000
3000
4000
5000
6000
0
1.0
0.5
1.5 2.0 2.5 3.0 3.5 4.0 4.5
SLEW RATE vs. OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING (Vp-p)
MAX4444
MAX4445
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
0
100
100
MAX4444
DIFFERENTIAL GAIN AND PHASE
IRE
IRE
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
0
0
-10
-20
-30
-100
10M
100M
MAX4444
HARMONIC DISTORTION
vs. FREQUENCY
-40
-50
-60
-70
-80
-90
FREQUENCY (Hz)
500k
1M
VOUT = 2Vp-p
2nd HARMONIC
3rd HARMONIC
0
-10
-20
-30
-100
10M
100M
MAX4445
HARMONIC DISTORTION
vs. FREQUENCY
-40
-50
-60
-70
-80
-90
FREQUENCY (Hz)
500k
1M
VOUT = 2Vp-p
2nd HARMONIC
3rd HARMONIC
0
-100
100
1k
10k
MAX4444
HARMONIC DISTORTION
vs. LOAD RESISTANCE
-80
-90
LOAD RESISTANCE (
Ω)
-60
-70
-40
-30
-50
-20
-10
fC = 5MHz, VOUT = 2Vp-p
2nd HARMONIC
3rd HARMONIC
0
-100
100
1k
10k
MAX4445
HARMONIC DISTORTION
vs. LOAD RESISTANCE
-80
-90
LOAD RESISTANCE (
Ω)
-60
-70
-40
-30
-50
-20
-10
fC = 5MHz, VOUT = 2Vp-p
2nd HARMONIC
3rd HARMONIC
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
0.5
1.5
2.5
3.5
4.5
5.5
6.5
MAX4444
HARMONIC DISTORTION
vs. OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING (Vp-p)
fC = 5MHz
2nd HARMONIC
3rd HARMONIC
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
0.5
1.5
2.5
3.5
4.5
5.5
6.5
MAX4445
HARMONIC DISTORTION
vs. OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING (Vp-p)
fC = 5MHz
2nd HARMONIC
3rd HARMONIC
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = 5V, VIN = VIN+ - VIN-, RL = 100Ω, REF = GND, AV = +2V/V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com