Electronic Components Datasheet Search
  English  ▼

X  

MAX4445ESE Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4445ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4445ESE Datasheet(HTML) 1 Page - Analog Devices

  MAX4445ESE Datasheet HTML 1Page - Analog Devices MAX4445ESE Datasheet HTML 2Page - Analog Devices MAX4445ESE Datasheet HTML 3Page - Analog Devices MAX4445ESE Datasheet HTML 4Page - Analog Devices MAX4445ESE Datasheet HTML 5Page - Analog Devices MAX4445ESE Datasheet HTML 6Page - Analog Devices MAX4445ESE Datasheet HTML 7Page - Analog Devices MAX4445ESE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4444/MAX4445 differential line receivers offer
unparalleled high-speed, low-distortion performance.
Using a three op amp instrumentation amplifier archi-
tecture, these ICs have symmetrical differential inputs
and a single-ended output. They operate from ±5V
supplies and are capable of driving a 100
Ω load to
±3.7V. The MAX4444 has an internally set closed-loop
gain of +2V/V, while the MAX4445 is compensated for
gains of +2V/V or greater, set by an external resistor. A
low-power enable mode reduces current consumption
to 3.5mA.
Using current-feedback techniques, the MAX4444/
MAX4445 achieve a 550MHz bandwidth while maintain-
ing up to a 5000V/µs slew rate. Excellent differential
gain/phase and noise specifications make these ampli-
fiers ideal for a wide variety of video and RF signal-pro-
cessing applications. An evaluation kit is available to
speed design.
Applications
Differential-to-Single-Ended Conversion
Twisted-Pair to Coaxial Converter
High-Speed Instrumentation Amplifier
Data Acquisition
Medical Instrumentation
High-Speed Differential Line Receiver
Features
o 5000V/µs Slew Rate (MAX4444)
o +2V/V Internally Fixed Gain (MAX4444)
o External Gain Selection
(MAX4445, AVCL ≥ +2V/V)
o 550MHz -3dB Bandwidth
o -60dB SFDR at 5MHz
o Low Differential Gain/Phase: 0.07%/0.05°
o Low Noise: 25nV/
√Hz at fIN = 100kHz
o Low-Power Disable Mode Reduces Quiescent
Current to 3.5mA
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
GND
OUT
VEE
VEE
VEE
VEE
REF
EN
TOP VIEW
MAX4444
MAX4445
SO
VCC
IN-
IN+
N.C. (RG)
N.C. (RG)
VEE
VEE
( ) ARE FOR MAX4445 ONLY.
75
Ω
75
Ω
0.1
µF
GND
IN-
IN+
SIGNAL
INPUT
OUTPUT
REF
EN
VEE
VCC
+5V
-5V
OUT
MAX4444
0.1
µF
Typical Operating Circuit
19-1543; Rev 0; 10/99
EVALUATION
KIT AVAILABLE
Pin Configuration
Ordering Information
PART
MAX4444ESE
MAX4445ESE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
16 Narrow SO


Similar Part No. - MAX4445ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4445ESE MAXIM-MAX4445ESE Datasheet
87Kb / 8P
Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
More results

Similar Description - MAX4445ESE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144 Datasheet
212Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 1; 1/98
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4444 MAXIM-MAX4444 Datasheet
87Kb / 8P
Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
Rev 0; 10/99
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144_09 Datasheet
366Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com