Electronic Components Datasheet Search
  English  ▼

X  

DS1374 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1374
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1374 Datasheet HTML 9Page - Maxim Integrated Products DS1374 Datasheet HTML 10Page - Maxim Integrated Products DS1374 Datasheet HTML 11Page - Maxim Integrated Products DS1374 Datasheet HTML 12Page - Maxim Integrated Products DS1374 Datasheet HTML 13Page - Maxim Integrated Products DS1374 Datasheet HTML 14Page - Maxim Integrated Products DS1374 Datasheet HTML 15Page - Maxim Integrated Products DS1374 Datasheet HTML 16Page - Maxim Integrated Products DS1374 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Tickle Charger and Reset Input/Output
____________________________________________________________________
13
Status Register (08h)
Bit 7/Oscillator Stop Flag (OSF). A logic 1 in this bit
indicates that the oscillator either is stopped or was
stopped for some period of time and can be used to
judge the validity of the timekeeping data. This bit is set
to logic 1 any time the oscillator stops. The following
are examples of conditions that can cause the OSF bit
to be set:
1) The first time power is applied.
2) The voltage present on both VCC and VBACKUP are
insufficient to support oscillation.
3) The EOSC bit is turned off.
4) External influences on the crystal (i.e., noise, leak-
age, etc.).
This bit remains at logic 1 until written to logic 0.
Bit 0/Alarm Flag (AF). A logic 1 in the alarm flag bit
indicates that the WD/ALM counter reached zero. If
WD/ALM is set to zero and the AIE bit = 1, the INT pin
goes low and stays low until AF is cleared. AF is
cleared when written to logic 0. This bit can only be
written to logic 0. Attempting to write logic 1 leaves the
value unchanged. If WD/ALM is set to 1 and the AIE
bit = 1, the INT pin pulses low for 250ms when the
WD/ALM counter reaches zero and sets AF = 1. At the
pulse completion, the DS1374 clears the AF bit to zero.
If the 250ms pulse is active, writing AF to zero does not
truncate the pulse.
Trickle-Charge Register (10h)
The simplified schematic in Figure 7 shows the basic
components of the trickle charger. The trickle-charge
select (TCS) bits (bits 4–7) control the selection of the
trickle charger. To prevent accidental enabling, only a
pattern of 1010 enables the trickle charger. All other
patterns disable the trickle charger. The trickle charger
is disabled when power is first applied. The diode
select (DS) bits (bits 2, 3) select whether or not a diode
is connected between VCC and VBACKUP. If DS is 01,
no diode is selected; if DS is 10, a diode is selected.
The ROUT bits (bits 0, 1) select the value of the resistor
connected between VCC and VBACKUP. Table 5 shows
the resistor selected by the resistor select (ROUT) bits
and the diode selected by the diode select (DS) bits.
Warning: The ROUT value of 250
Ω must not be select-
ed whenever VCC is greater than 3.63V.
The user determines diode and resistor selection
according to the maximum current desired for battery or
super cap charging. The maximum charging current can
be calculated as illustrated in the following example.
Assume that a system power supply of 3.3V is applied
to VCC and a super cap is connected to VBACKUP. Also
assume the trickle charger has been enabled with a
diode and resistor R2 between VCC and VBACKUP. The
maximum current IMAX would therefore be calculated
as follows:
IMAX = (3.3V - diode drop) / R2
≈ (3.3V - 0.7V) / 2kΩ≈
1.3mA
As the super cap changes, the voltage drop between
VCC and VBACKUP decreases and therefore the charge
current decreases.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSF
0
0
00
00
AF
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
FUNCTION
XX
XX
00
XX
Disabled
XX
XX
11
XX
Disabled
XX
X
XXX0
0
Disabled
10
1
001
01
No diode, 250
Ω resistor
10
1
010
01
One diode, 250
Ω resistor
10
1
001
10
No diode, 2k
Ω resistor
10
1
010
10
One diode, 2k
Ω resistor
10
1
001
11
No diode, 4k
Ω resistor
10
1
010
11
One diode, 4k
Ω resistor
00
0
000
00
Power-on reset value
Table 5. Trickle Charge Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com