Electronic Components Datasheet Search
  English  ▼

X  

DS1374 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1374
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1374 Datasheet HTML 1Page - Maxim Integrated Products DS1374 Datasheet HTML 2Page - Maxim Integrated Products DS1374 Datasheet HTML 3Page - Maxim Integrated Products DS1374 Datasheet HTML 4Page - Maxim Integrated Products DS1374 Datasheet HTML 5Page - Maxim Integrated Products DS1374 Datasheet HTML 6Page - Maxim Integrated Products DS1374 Datasheet HTML 7Page - Maxim Integrated Products DS1374 Datasheet HTML 8Page - Maxim Integrated Products DS1374 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Trickle Charger and Reset Input/Output
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX) , TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R1
(Note 5)
250
R2
(Note 6)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Note 7)
4000
Ω
Input Leakage
ILI
(Note 8)
-1
+1
I/O Leakage
ILO
(Note 9)
-1
+1
RST Pin I/O Leakage
ILORST
(Note 10)
-200
+1
µA
SDA Logic 0 Output (VOL = 0.4V)
IOLSDA
3.0
mA
VCC > 2V; VOL = 0.4V
3.0
1.71V < VCC < 2V; VOL = 0.2 VCC
3.0
mA
RST, SQW, and INT Logic 0
Outputs (Note 11)
IOL1
1.3V < VCC < 1.71V; VOL = 0.2 VCC
250
µA
DS1374-18
75
150
DS1374-3
110
200
Active Supply Current
(Notes 11, 12)
ICCA
DS1374-33
180
300
µA
DS1374-18
60
100
DS1374-3
80
125
Standby Current (Notes 11, 13)
ICCS
DS1374-33
115
175
µA
VBACKUP Leakage Current
(VBACKUP = 3.7V)
IBACKUPLKG
100
nA
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBACKUP = 3.7V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MAX
TYP
MAX
UNITS
VBACKUP Current (OSC ON);
SQW OFF
IBKOSC1
(Note 14)
400
700
nA
VBACKUP Current (OSC ON);
SQW ON (32kHz)
IBKOSC2
(Notes 14, 15)
600
1000
nA
VBACKUP Data-Retention Current
(OSC OFF)
IBACKUPDR
25
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com