Electronic Components Datasheet Search
  English  ▼

X  

DS3183 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3183
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3183 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3183 Datasheet HTML 14Page - Dallas Semiconductor DS3183 Datasheet HTML 15Page - Dallas Semiconductor DS3183 Datasheet HTML 16Page - Dallas Semiconductor DS3183 Datasheet HTML 17Page - Dallas Semiconductor DS3183 Datasheet HTML 18Page - Dallas Semiconductor DS3183 Datasheet HTML 19Page - Dallas Semiconductor DS3183 Datasheet HTML 20Page - Dallas Semiconductor DS3183 Datasheet HTML 21Page - Dallas Semiconductor DS3183 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 400 page
background image
DS3181/DS3182/DS3183/DS3184
18
•
Detection of RDI, AIS, DS3 idle signal, loss of signal (LOS), severely errored framing event (SEFE), change of
frame alignment (COFA), receipt of B3ZS/HDB3 code words, DS3 application ID bit, DS3 M23/C-bit format
mismatch, G.751 national bit, and G.832 RDI (FERF), payload type, and timing marker bits
•
HDLC port for DS3 path maintenance data link (PMDL), G.751 national bit or G.832 NR or GC channels
•
FEAC port for DS3 FEAC channel
•
16-byte Trail Trace Buffer port for G.832 trail access point identifier
•
DS3 M23 C bits and stuff bits configurable as payload or overhead, stored in registers for software inspection
•
Most framing overhead fields presented on the receive overhead port
•
Support for internal and external subrate DS3/E3 control (Fractional DS3/E3)
3.4 Receive PLCP Framer Features
•
PLCP frame synchronization
•
C1 cycle/stuff counter interpretation
•
Detection of out of frame (OOF), BIP-8 errors, FEBE and RAI (Yellow Signal)
•
Frame timing can be presented on the GPIO2 output pin or used as the transmit PLCP reference
•
All path overhead fields presented on the PLCP receive overhead port
•
HDLC port for data link messages on F1, M1 or M2 bytes
•
Trail Trace port for trace messages on F1 byte
3.5 Receive Cell Processor Features
•
HEC-based cell delineation within the DS3/E3 frame, the PLCP frame, an externally defined frame, or the
entire line bandwidth
•
Cell descrambling using the self-synchronizing scrambler (x
43+1) for ATM over DS3/E3
•
Distributed Sample Scrambler (DSS) for clear-channel ATM (cell-based physical layer)
•
HEC error detection and correction; HEC discard
•
Filtering of idle, unassigned and/or invalid cells (provisionable)
•
Header pattern comparison vs. 32-bit header pattern and mask registers; counting of matching or non-
matching cells; discard of matching or non-matching cells
•
Four-cell Receive FIFO
•
Controls include enables/disables/settings for: cell processing, coset polynomial addition, error correction,
erred cell extraction, cell descrambling, idle/unassigned/invalid cell filtering, header pattern match
counting/discarding, LCD integration time
•
Status fields include: out of cell delineation (OCD), loss of cell delineation (LCD) and receipt of idle,
unassigned, invalid, erred, corrected or header-pattern-match cells
•
Performance monitoring counters for forwarded cells, corrected cells, uncorrectable cells, header pattern
match/no-match cells, and filtered idle/unassigned/invalid cells
•
Octet alignment option for externally defined frame formats
3.6 Receive Packet Processor Features
•
Packet descrambling using the self-synchronizing scrambler (x
43+1)
•
Flag detection, packet delineation, and inter-frame fill discard (flags and all-ones)
•
Packet abort detection and accumulation
•
Bit or octet destuffing
•
FCS checking (16-bit or 32-bit), error accumulation, and FCS discard
•
Packet size checking vs. programmable minimum and maximum size registers
•
Abort declaration for packets with non-integral number of bytes
•
Controls include enables/disables/settings for: packet processing, descrambling, 16/32-bit FCS, filtering of FCS
erred packets, FCS discard, minimum/maximum packet size
•
Status fields include: receipt of FCS erred packet, aborted packet, size violation packet, non-integer-length
packets
•
Performance monitoring counters for forwarded packets, forwarded bytes, aborted bytes, FCS erred packets,
aborted packets, size violation packets (min, max, non-integer-length)
•
Octet alignment with octet destuffing option for externally defined frame formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com