| Electronic Components Datasheet Search |
|
DS3183 Datasheet(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3183 Datasheet(HTML) 21 Page - Dallas Semiconductor |
|
21 / 400 page ![]() DS3181/DS3182/DS3183/DS3184 21 • Terminates the Path Maintenance Data Link in DS3 C-bit Parity mode and optionally the G.751 Sn bit or the G.832 NR or GC channels or PLCP F1, M1 or M2 bytes • RX data is forced to all ones during LOS, LOF and AIS detection to eliminate false packets 3.19 FEAC Controller Features • Each port has a dedicated FEAC controller for DS3/E3 link management • Designed to handle multiple FEAC code words without Host intervention • Receive FEAC automatically validates incoming code words and stores them in a 4-byte FIFO • Transmit FEAC can be configured to send one codeword, one codeword continuously, or two different code words back-to-back to send DS3 Line Loopback commands • Terminates the FEAC channel in DS3 C-Bit Parity mode and optionally the Sn bit in E3 mode 3.20 Trail Trace Buffer Features • Each port has a dedicated Trail Trace Buffer for E3-G.832 or DS3/E3 PLCP link management • Extraction and storage of the incoming G.832 or PLCP trail access point identifier in a 16-byte receive register • Insertion of the outgoing trail access point identifier from a 16-byte transmit register • Receive trace identifier unstable status indication 3.21 Bit Error Rate Tester (BERT) Features • Each port has a dedicated BERT tester • Generation and detection of pseudo-random patterns and repetitive patterns from 1 to 32 bits in length • Pattern insertion/extraction in PLCP payload, DS3/E3 payload, DS3/E3 fractional payload or entire data stream to and from the line interface • Large 24-bit error counter allows testing to proceed for long periods without host intervention • Errors can be inserted in the generated BERT patterns for diagnostic purposes (single bit errors or specific bit- error rates) 3.22 Loopback Features • Analog interface loopback – ALB (transmit to receive) • Line facility loopback – LLB (receive to transmit) with optional transmission of unframed all-one AIS payload toward system/trunk interface • Framer diagnostic loopback – DLB (transmit to receive) with automatic transmission of DS3 AIS or unframed all-one AIS signal toward line/tributary interface(s) • DS3/E3 framer payload loopback – PLB (receive to transmit) with optional transmission of unframed all-one AIS payload toward system/trunk interface • System interface loopback – SLB (transmit to receive) • Simultaneous line facility loopback and framer diagnostic loopback 3.23 Microprocessor Interface Features • Multiplexed or non-multiplexed address bus modes • 8 or 16-bit data bus modes • Byte swapping option in 16-bit data bus mode • Read/Write and Data Strobe modes • Ready handshake output signal • Global reset input pin • Global interrupt output pin • Two programmable I/O pins per port 3.24 Subrate Features (Fractional DS3/E3) • Independent per-port built-in support for subrate DS3 or E3 • Independent subrate operation for both RX and TX data paths • Subrate operation for each channel is totally independent from the other channels’ operation, i.e. all subrate functions within the device are mutually exclusive • Three distinct subrate algorithms: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |