Electronic Components Datasheet Search
  English  ▼

X  

AD5372BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD5372BSTZ Datasheet HTML 1Page - Analog Devices AD5372BSTZ Datasheet HTML 2Page - Analog Devices AD5372BSTZ Datasheet HTML 3Page - Analog Devices AD5372BSTZ Datasheet HTML 4Page - Analog Devices AD5372BSTZ Datasheet HTML 5Page - Analog Devices AD5372BSTZ Datasheet HTML 6Page - Analog Devices AD5372BSTZ Datasheet HTML 7Page - Analog Devices AD5372BSTZ Datasheet HTML 8Page - Analog Devices AD5372BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5372/AD5373
Rev. C | Page 5 of 28
Parameter
AD53721
B Version
AD53731
B Version
Unit
Test Conditions/Comments2
POWER REQUIREMENTS
DVCC
2.5/5.5
2.5/5.5
V min/V max
VDD
9/16.5
9/16.5
V min/V max
VSS
−16.5/−4.5
−16.5/−4.5
V min/V max
Power Supply Sensitivity2
∆Full Scale/∆VDD
−75
−75
dB typ
∆Full Scale/∆VSS
−75
−75
dB typ
∆Full Scale/∆DVCC
−90
−90
dB typ
DICC
2
2
mA max
DVCC = 5.5 V, VIH = DVCC, VIL = GND
IDD
16
16
mA max
Outputs unloaded, DAC outputs = 0 V
18
18
mA max
Outputs unloaded, DAC outputs = full scale
ISS
−16
−16
mA max
Outputs unloaded, DAC outputs = 0 V
−18
−18
mA max
Outputs unloaded, DAC outputs = full scale
Power-Down Mode
Bit 0 in the control register is 1
DICC
5
5
μA typ
IDD
35
35
μA typ
ISS
−35
−35
μA typ
Power Dissipation (Unloaded)
250
250
mW typ
VSS = −8 V, VDD = 9.5 V, DVCC = 2.5 V
Junction Temperature3
130
130
°C max
TJ = TA + PTOTAL × θJA
1 Temperature range for B version: −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization; not production tested.
3 θJA represents the package thermal impedance.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF0 = VREF1 = 3 V; AGND = DGND = SIGGNDx = 0 V; CL = 200 pF; RL = 10 kΩ; gain (M),
offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
20
μs typ
Full-scale change
30
μs max
DAC latch contents alternately loaded with all 0s and all 1s
Slew Rate
1
V/μs typ
Digital-to-Analog Glitch Energy
5
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
VREF0, VREF1 = 2 V p-p, 1 kHz
DAC-to-DAC Crosstalk
10
nV-s typ
Digital Crosstalk
0.2
nV-s typ
Digital Feedthrough
0.02
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 10 kHz
250
nV/√Hz typ
VREF0 = VREF1 = 0 V
1 Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com