Electronic Components Datasheet Search
  English  ▼

X  

APA3010 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA3010
Description  3W Mono Low-Voltage Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3010 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA3010 Datasheet HTML 9Page - Anpec Electronics Coropration APA3010 Datasheet HTML 10Page - Anpec Electronics Coropration APA3010 Datasheet HTML 11Page - Anpec Electronics Coropration APA3010 Datasheet HTML 12Page - Anpec Electronics Coropration APA3010 Datasheet HTML 13Page - Anpec Electronics Coropration APA3010 Datasheet HTML 14Page - Anpec Electronics Coropration APA3010 Datasheet HTML 15Page - Anpec Electronics Coropration APA3010 Datasheet HTML 16Page - Anpec Electronics Coropration APA3010 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2010
www.anpec.com.tw
13
APA3010/1
Thermal Pad Consideration (Cont.)
Application Information (Cont.)
For good thermal conduction, the vias must be plated
through and solder filled. The copper plane used to con-
duct heat away from the thermal pad should be as large
as practical.
If the ambient temperature is higher than 25°C, a larger
copper plane or forced-air cooling will be required to keep
the APA3010/1 junction temperature below the thermal
shutdown temperature (150°C). In higher ambient
temperature, higher airflow rate and/or larger copper area
will be required to keep the IC out of thermal shutdown.
Thermal Consideration
Linear power amplifiers dissipate a significant amount of
heat in the package under normal operating conditions.
To calculate maximum ambient temperatures, refer the
“Power Dissipation vs. Output Power” graphs. Given
θ
JA, the maximum allowable junction temperature (TJMAX),
and the total internal dissipation (P
D), the maximum am-
bient temperature can be calculated with the following
equation. The maximum recommended junction tem-
perature for the APA3010/1 is 150°C. The internal dissi-
pation figures are taken from the Power Dissipation vs.
Output Power graphs.
T
AMax = TJMax -θJAPD
(12)
150 - 50(1.3) = 85°C
The APA3010/1 is designed with a thermal shutdown pro-
tection that turns the device off when the junction tem-
perature surpasses 150°C to prevent damaging the IC.
0.65mm
1.0mm
2.5mm
Ground plane
for ThermalPAD
ThermalVia diameter
12mil X 5
MSOP-8P Land Pattern Recommendation
2.0mm
3mm
Ground plane for ThermalPAD
ThermalVia diameter
12mil X 15
0.25mm
SOP-8P Land Pattern Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com