Electronic Components Datasheet Search
  English  ▼

X  

APA3010 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA3010
Description  3W Mono Low-Voltage Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3010 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA3010 Datasheet HTML 1Page - Anpec Electronics Coropration APA3010 Datasheet HTML 2Page - Anpec Electronics Coropration APA3010 Datasheet HTML 3Page - Anpec Electronics Coropration APA3010 Datasheet HTML 4Page - Anpec Electronics Coropration APA3010 Datasheet HTML 5Page - Anpec Electronics Coropration APA3010 Datasheet HTML 6Page - Anpec Electronics Coropration APA3010 Datasheet HTML 7Page - Anpec Electronics Coropration APA3010 Datasheet HTML 8Page - Anpec Electronics Coropration APA3010 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2010
www.anpec.com.tw
2
APA3010/1
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APA3010/1
Package Code
K : SOP-8
KA : SOP-8P
XA : MSOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APA3010/1
K / KA :
APA3010/1
XXXXX
XXXXX - Date Code
XXXXX - Date Code
APA3010/1
XA :
A3010/1
XXX
XX
Pin Configuration (Cont.)
1
2
3
4
5
6
7
8
SHUTDOWN
BYPASS
INP
VOP
GND
VDD
INN
VON
SOP-8
TOP VIEW
APA3010
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
-0.3 to 6
V
VIN, VO
Input Voltage Range, SHUTDOWN, SHUTDOWN, BYPASS, VO
-0.3 to VDD+0.3
V
TA
Operating Junction Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
Internally Limited
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Soldering Temperature Range
260
°C
PD
Power Dissipation
Internally Limited
W
Absolute Maximum Ratings
(Over operating free-air temperature range unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com