Electronic Components Datasheet Search
  English  ▼

X  

PDC02P15Z Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDC02P15Z
Description  150V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC02P15Z Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDC02P15Z Datasheet HTML 1Page - Potens Semiconductor Corp. PDC02P15Z Datasheet HTML 2Page - Potens Semiconductor Corp. PDC02P15Z Datasheet HTML 3Page - Potens Semiconductor Corp. PDC02P15Z Datasheet HTML 4Page - Potens Semiconductor Corp. PDC02P15Z Datasheet HTML 5Page - Potens Semiconductor Corp. PDC02P15Z Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.01
1
PDC02P15Z
150V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-150
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25℃)
-2
A
Drain Current
– Continuous (TC=100℃)
-1.3
A
IDM
Drain Current
– Pulsed1
-8
A
EAS
Single Pulse Avalanche Energy2
11.5
mJ
IAS
Single Pulse Avalanched Current2
4.8
A
PD
Power Dissipation (TC=25℃)
7.8
W
Power Dissipation
– Derate above 25℃
0.06
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
BVDSS
RDSON
ID
-150V
780m
-2A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
16
℃/W
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -150V,-2A, RDS(ON) =780m
Ω@VGS = -10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
Applications
PPAK3X3 Pin Configuration
D
G
S
 Networking
 Load Switch
 LED applications
D
D D
S
S
D
G
S


Similar Part No. - PDC02P15Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDC020-FD15A12S BOURNS-PDC020-FD15A12S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC023-EP13A05S BOURNS-PDC023-EP13A05S Datasheet
1Mb / 6P
PDC-EP, PDC-EF & PDC-RM Series - DC to DC Transformers
10/23
PDC025-FD20A05S BOURNS-PDC025-FD20A05S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC025-FD20A12S BOURNS-PDC025-FD20A12S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
logo
Potens Semiconductor Co...
PDC02N15V POTENS-PDC02N15V Datasheet
1,015Kb / 6P
150V Dual N-Channel MOSFETs
Ver.1.01
More results

Similar Description - PDC02P15Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
150V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBB02P15 FETEK-FKBB02P15 Datasheet
555Kb / 5P
P-Ch 150V Fast Switching MOSFETs
Ver : B
FKS01P15 FETEK-FKS01P15 Datasheet
488Kb / 4P
P-Ch 150V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com