Electronic Components Datasheet Search
  English  ▼

X  

L7820CT Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7820CT
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7820CT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7820CT Datasheet HTML 11Page - STMicroelectronics L7820CT Datasheet HTML 12Page - STMicroelectronics L7820CT Datasheet HTML 13Page - STMicroelectronics L7820CT Datasheet HTML 14Page - STMicroelectronics L7820CT Datasheet HTML 15Page - STMicroelectronics L7820CT Datasheet HTML 16Page - STMicroelectronics L7820CT Datasheet HTML 17Page - STMicroelectronics L7820CT Datasheet HTML 18Page - STMicroelectronics L7820CT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L7800 SERIES
15/34
Table 23: Electrical Characteristics Of L7824C (refer to the test circuits, TJ = 0 to 125°C, VI = 33V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Figure 8: Dropout Voltage vs Junction
Temperature
Figure 9: Peak Output Current vs Input/output
Differential Voltage
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
232425
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 27 to 38 V
22.8
24
25.2
V
∆V
O(*)
Line Regulation
VI = 27 to 38 V
TJ = 25°C
480
mV
VI = 30 to 36 V
TJ = 25°C
240
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
480
mV
IO = 250 to 750 mA
TJ = 25°C
240
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 27 to 38 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.5
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
170
µV/V
O
SVR
Supply Voltage Rejection
VI = 28 to 38 V
f = 120Hz
50
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
28
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.15
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com