Electronic Components Datasheet Search
  English  ▼

X  

L7820CT Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7820CT
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7820CT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7820CT Datasheet HTML 26Page - STMicroelectronics L7820CT Datasheet HTML 27Page - STMicroelectronics L7820CT Datasheet HTML 28Page - STMicroelectronics L7820CT Datasheet HTML 29Page - STMicroelectronics L7820CT Datasheet HTML 30Page - STMicroelectronics L7820CT Datasheet HTML 31Page - STMicroelectronics L7820CT Datasheet HTML 32Page - STMicroelectronics L7820CT Datasheet HTML 33Page - STMicroelectronics L7820CT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
L7800 SERIES
31/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.3
4.7
0.169
0.185
A1
0
0.20
0.000
0.008
b
0.70
0.90
0.028
0.035
b2
1.17
1.37
0.046
0.054
c
0.45
0.50
0.6
0.018
0.020
0.024
c2
1.25
1.30
1.40
0.049
0.051
0.055
D
9.0
9.2
9.4
0.354
0.362
0.370
D1
7.5
0.295
E
9.8
10.2
0.386
0.402
E1
7.5
0.295
e
2.54
0.100
e1
5.08
0.200
H
15
15.30
15.60
0.591
0.602
0.614
J1
2.20
2.60
0.087
0.102
L
1.79
2.79
0.070
0.110
L1
1.0
1.4
0.039
0.055
L2
1.2
1.6
0.047
0.063
R
0.3
0.012
V2
0°
3°
0°
3°
D2PAK (C TYPE) MECHANICAL DATA
0079457/J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com