Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9879 Datasheet HTML 15Page - Analog Devices AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices AD9879 Datasheet HTML 21Page - Analog Devices AD9879 Datasheet HTML 22Page - Analog Devices AD9879 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9879
Rev. A | Page 19 of 32
Bit 5: Tx Path Select Profile 1
The AD9879 quadrature digital upconverter is capable of
storing two preconfigured modulation modes called profiles.
Each profile defines a transmit frequency tuning word and cable
driver amplifier gain (DAC gain) setting. The profile select bit
or PROFILE pin programs the current register profile to be
used. The profile select bit should always be 0 if the PROFILE
pin is to be used to switch between profiles. Using the profile
select bit as a means of switching between different profiles
requires the PROFILE pin to be tied low.
REGISTERS 0x10–0x17—CARRIER FREQUENCY
TUNING
Tx Path Frequency Tuning Words
The frequency tuning word (FTW) determines the DDS-
generated carrier frequency (fC) and is formed via a
concatenation of register addresses.
The 26-bit FTW is spread over four register addresses. Bit 25 is
the MSB and Bit 0 is the LSB.
The carrier frequency equation is given as
fc = [FTW × fSYSCLK]/226
(12)
where:
fSYSCLK = M × fOSCIN.
FTW < 0 × 2000000.
Changes to FTW bytes take effect immediately.
Cable Driver Gain Control
The AD9879 has a 3-pin interface to the AD832x family of
programmable gain cable driver amplifiers. This allows direct
control of the cable driver’s gain through the AD9879.
In its default mode, the complete 8-bit register value is
transmitted over the 3-wire cable amplifier (CA) interface.
If Bit 3 of Register 0x0F is set high, Bits [7:4] determine the
8-bit word sent over the CA interface according to Table 7.
Table 7. Cable Driver Gain Control
Bits [7:4]
CA Interface Transmit Word
0000
0000 0000 (default)
0001
0000 0001
...
...
0111
0100 0000
1000
1000 0000
In this mode, the lower bits determine the fine gain setting of
the DAC output.
Table 8. DAC Output Fine Gain Setting
Bits [3:0]
DAC Fine Gain
0000
0.0 dB (default)
0001
0.5 dB
...
...
1110
7.0 dB
1111
7.5 dB
New data is automatically sent over the 3-wire CA interface
(and DAC gain adjust) whenever the value of the active gain
control register changes or a new profile is selected. The default
value is 0x00 (lowest gain).
The formula for the combined output level calculation of the
AD9879 fine gain and AD8327 or AD8322 coarse gain is
V8327 = V9879(0) + (fine)/2 + 6(coarse) − 19
(13)
V8322 = V9879(0) + (fine)/2 + 6(coarse) − 14
(14)
where:
fine is the decimal value of Bits [3:0].
coarse is the decimal value of Bits [7:8].
V9879(0) is level at AD9879 output in dBmV for fine = 0.
V8327 is level at output of AD8327 in dBmV.
V8322 is level at output of AD8322 in dBmV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com