Electronic Components Datasheet Search
  English  ▼

X  

AP7173 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7173 Datasheet HTML 4Page - Diodes Incorporated AP7173 Datasheet HTML 5Page - Diodes Incorporated AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated AP7173 Datasheet HTML 10Page - Diodes Incorporated AP7173 Datasheet HTML 11Page - Diodes Incorporated AP7173 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 4
8 of 15
MARCH 2008
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
At TA = +25℃, VIN = VOUT(TYP) + 0.3V, VVCC = 5V, IOUT = 50mA, VEN = VIN, CIN = 1µF, CVCC = 4.7µF, and COUT = 10µF, unless otherwise noted.
VIN DROPOUT VOLTAGE vs.
VVCC DROPOUT VOLTAGE vs.
(VVCC-VOUT) AND TEMPERATURE(TA)
IOUT AND TEMPERATURE(TA)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
180
200
Vvcc-Vout
Iout=0.5A
-40
oC
25
oC
125
oC
0.00
0.25
0.50
0.75
1.00
1.25
1.50
600
800
1000
1200
1400
1600
1800
2000
Iout(A)
-40
oC
25
oC
125
oC
Figure 9
Figure 10
VIN PSRR vs. FREQUENCY
VVCC PSRR vs. FREQUENCY
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
Frequency(Hz)
Vin=1.8V
Vout=1.2V
Vvcc=5V
Css=1nF
500000
Io=0.1A
Io=1.5A
10
100
1000
10000
100000
1000000
1E7
0
10
20
30
40
50
60
70
80
90
Frequency(Hz)
Vin=1.8V
Vout=1.2V
Vvcc=5V
Css=1nF
Io=0.1A
Io=1.5A
Figure 11
Figure 12
VIN PSRR vs. (VIN-VOUT)
LOW-LEVEL PG VOLTAGE vs. CURRENT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
10
20
30
40
50
60
70
80
90
Vin-Vout(V)
1KHz
10KHz
100KHz
500KHz
Vout=1.2V
Iout=1.5A
Css=1nF
02
4
68
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
12
PG Current(mA)
Figure 13
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com