Electronic Components Datasheet Search
  English  ▼

X  

AP7173 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7173 Datasheet HTML 1Page - Diodes Incorporated AP7173 Datasheet HTML 2Page - Diodes Incorporated AP7173 Datasheet HTML 3Page - Diodes Incorporated AP7173 Datasheet HTML 4Page - Diodes Incorporated AP7173 Datasheet HTML 5Page - Diodes Incorporated AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 4
1 of 15
MARCH 2008
www.diodes.com
© Diodes Incorporated
Features
General Description
The AP7173 is a 1.5A low-dropout (LDO) linear regulator that
features a user-programmable soft-start, an enable input and a
power-good output.
•
Low VIN and wide VIN range: 1.0V to 5.5V
•
Bias voltage (VVCC) range: 2.7V to 5.5V
•
Low VOUT range: 0.8V to 3.3V
The soft-start reduces inrush current of the load capacitors and
minimizes stress on the input power source during start-up. The
enable input and power-good output allow users to configure
power management solutions that can meet the sequencing
requirements of FPGAs, DSPs, and other applications with
different start-up and power-down requirements.
•
Low dropout: 165mV typical at 1.5A, VVCC = 5V
•
2% accuracy over line, load and temperature range
•
Power-Good (PG) output for supply monitoring and for
sequencing of other supplies
•
Programmable soft-start provides linear voltage startup
•
Bias supply permits low VIN operation with good
transient response
The AP7173 is stable with any type of output capacitor of 2.2µF or
more. A precision reference and feedback control deliver 2%
accuracy over load, line, and operating temperature ranges. The
AP7173 is available in both DFN3030-10 and SOP-8L-EP
packages.
•
Stable with any output capacitor
≥ 2.2µF
•
DFN3030-10 and SOP-8L-EP: available in “Green”
molding compound (No Br, Sb)
•
Lead-free finish/ RoHS Compliant (Note 1)
Applications
•
PCs, Servers, Modems, and Set-Top-Boxes
•
FPGA Applications
•
DSP Core and I/O Voltages
•
Post-Regulation Applications
•
Applications With Sequencing Requirements
Ordering Information
AP 7173 - X X X
Packing
Package
Lead Free
FN : DFN3030-10
SP : SOP-8L-EP
G : Green
-7/13 : Tape & Reel
7”/13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP7173-FN
FN
DFN3030-10
3000/Tape & Reel
-7
AP7173-SP
SP
SOP-8L-EP
2500/Tape & Reel
-13
Notes:
1. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
2. Pad layout as shown on Diodes Inc. suggested pad layout document can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP7173

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
AP7173-FNG-7 DIODES-AP7173-FNG-7 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
AP7173-SPG-13 DIODES-AP7173-SPG-13 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results

Similar Description - AP7173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com