Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9921 Datasheet(HTML) 1 Page - Analog Devices

  MAX9921 Datasheet HTML 1Page - Analog Devices MAX9921 Datasheet HTML 2Page - Analog Devices MAX9921 Datasheet HTML 3Page - Analog Devices MAX9921 Datasheet HTML 4Page - Analog Devices MAX9921 Datasheet HTML 5Page - Analog Devices MAX9921 Datasheet HTML 6Page - Analog Devices MAX9921 Datasheet HTML 7Page - Analog Devices MAX9921 Datasheet HTML 8Page - Analog Devices MAX9921 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX9921 provides a single chip solution to interface
two 2-wire Hall-effect sensors to a low-voltage micro-
processor (µP). This device supplies and monitors the cur-
rent drawn by two Hall-effect sensors, filters the sensed
current level, and outputs the corresponding logic level.
The MAX9921 includes input diagnostics and fault pro-
tection. These features allow the device to determine fault
conditions such as open inputs, inputs shorted to the bat-
tery, and inputs shorted to ground. If the MAX9921
detects any of these conditions at either IN1 or IN2, the
device shuts off the current to the corresponding input.
The MAX9921 protects the Hall sensors from supply tran-
sients up to 60V at the BAT supply. Normal operating
supply voltage ranges from 6V to 18V. If the battery volt-
age is out of range, the MAX9921 shuts off the current to
the Hall sensors.
The MAX9921 provides an 80µs blanking time following
Hall sensor power-up or restart. The open-drain logic
outputs are compatible with logic levels up to 5.5V.
The MAX9921 is available in a small 10-pin µMAX®
package and is specified over the -40°C to +125°C
automotive temperature range.
Applications
Features
o Withstands 60V at BAT Supply and Hall Inputs
o 6V to 18V Operating Voltage Range
o Provides Supply Current and Interfaces to Two
2-Wire Hall Sensors
o Error Output with Diagnostics of Hall Inputs and
BAT Voltage
o Protects Hall Sensors from Overvoltage by
Isolating Them from Supply Transients
o Hall Inputs Protected from Short to Ground
o Ramps Current to Hall Sensors at 4mA/µs
o Output Enable Input Allows Multiplexing of
Outputs from Multiple MAX9921s
o Hall Output Filtering
o Hall Sensor Blanking Following Hall Sensor
Power-Up or Restart
o Low-Power Shutdown, Controlled with OE and
DIAG Inputs
o Operates with ±2V Ground Shifts Between Hall
Sensor and MAX9921
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
________________________________________________________________
Maxim Integrated Products
1
PART
TEMP RANGE
PIN-PACKAGE
MAX9921AUB+T
-40°C to +125°C
10 µMAX
MAX9921AUB/V+T
-40°C to +125°C
10 µMAX
Ordering Information
N
REMOTE
GROUND
ISET
BATTERY
OE
ERR
DIAG
OUT1
OUT2
BAT
RISET = 63.4k
Ω, 1%
VBAT: 6V TO 18V OPERATING,
WITHSTANDS 60V
3.3V TO 5V
IN1
0.1
μF
10k
Ω
IN2
REF
GENERATION,
DIAGNOSTICS
AND
OVERVOLTAGE
DETECT
S
N
REMOTE
GROUND
S
0.01
μF
CONTROL
FILTER
FILTER
μP/LOGIC
CIRCUIT
GND
VCC
0.01
μF
GND
MAX9921
E
C
U
C
O
N
N
E
C
T
O
R
Typical Application Circuit
19-4119; Rev 1; 1/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
/V denotes an automotive qualified part.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
Door Modules
Window Lifters
Seat Movers
Electric Sunroofs
Powered Lift Gate
Controllers
Powered Running Boards
Seatbelt Buckles


Similar Part No. - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921 MAXIM-MAX9921 Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX9921AUB+T MAXIM-MAX9921AUB+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921AUB/V+T MAXIM-MAX9921AUB/V+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
More results

Similar Description - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Allegro MicroSystems
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
APS11450 ALLEGRO-APS11450 Datasheet
1Mb / 24P
Three-Wire Hall-Effect Switch with Advanced Diagnostics
APS12450 ALLEGRO-APS12450 Datasheet
1Mb / 23P
Three-Wire Hall-Effect Latch with Advanced Diagnostics
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
TMAG5124 Hall Effect Switch With 2-Wire Interface
logo
Allegro MicroSystems
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com