Electronic Components Datasheet Search
  English  ▼

X  

MAX9918ASA/V+ Datasheet(PDF) 1 Page - Analog Devices

Part # MAX9918ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 1 Page - Analog Devices

  MAX9918ASA/V+ Datasheet HTML 1Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 2Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 3Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 4Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 5Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 6Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 7Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX9918/MAX9919/MAX9920 are single-supply,
high-accuracy current-sense amplifiers with a high
input common-mode range that extends from -20V
to +75V. These amplifiers are well suited for current
monitoring of inductive loads such as motors and
solenoids, where common-mode voltages can become
negative due to inductive kickback, reverse-battery
conditions, or transient events.
The MAX9918/MAX9920 feature adjustable gain set
by an external resistive-divider network. The MAX9919
features fixed gains of 45V/V (MAX9919F) and 90V/V
(MAX9919N).
The
MAX9918/MAX9919/MAX9920
operate as unidirectional amplifiers when VREFIN = GND
and as bidirectional amplifiers when VREFIN = VCC/2.
The MAX9920 attenuates the input signal by a factor of
4 at the input level-shifting stage allowing the device to
sense voltages up to 200mV (unidirectional operation) or
±100mV (bidirectional operation).
The MAX9918/MAX9919/MAX9920 operate with a
single 5V supply voltage, are fully specified over the
-40°C to +125°C automotive temperature range, and are
available in an 8-pin SOIC package.
Applications
● H-Bridge Motor Current Sensing
● Solenoid Current Sensing
● Current Monitoring of Inductive Loads
● High- and Low-Side Precision Current Sensing
● Super-Capacitor Charge/Discharge Monitoring
● Precision High-Voltage Current Monitoring
● Automotive
Benefits and Features
● Reduce Protective Clamping for High Inductive
Kickback Voltage
• -20V to +75V Input Common-Mode Voltage Range
● Supports Wide Range of Precision AC and DC
Current Sensing Applications
• Uni- or Bidirectional Current Sensing
• 0.6% (max) Gain Accuracy Error
• 400µV (max) Input Offset Voltage
• 120kHz, -3dB Bandwidth (MAX9919N)
• Reference Input for Bidirectional OUT
• Rail-to-Rail Output
● Saves Board Space
• 8-Pin SOIC Package
• Single-Supply Operation (4.5V to 5.5V)
● AEC-Q100 Qualified (MAX9918ASA/V+,
MAX9919FASA/V+, MAX9919NASA/V+,
MAX9920ASA/V+ Only)
19-5015; Rev 10; 7/19
Click
here for production status of specific part numbers.
Note: All devices operate over the -40°C to +125°C temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*EP = Exposed pad.
M
ø2B
ø1B
ADC
REF
A
INPUT STAGE
LEVEL SHIFTER
RSENSE
VBATT
ADJUSTABLE GAIN
VCC
VCC
RS+
RS-
FB
OUT
REFIN
R2
R1
GND
GND
SHDN
ø2B
ø1A
MAX9918
MAX9920
µC
Typical Operating Circuit
Ordering Information/Selector Guide
PART
VSENSE
(mV)
GAIN
(V/V)
PIN-
PACKAGE
MAX9918ASA+
±50
Adjustable
8 SO-EP*
MAX9918ASA/V+
±50
Adjustable
8 SO-EP*
MAX9919FASA+
±50
45
8 SO-EP*
MAX9919FASA/V+
±50
45
8 SO-EP*
MAX9919NASA+
±50
90
8 SO-EP*
MAX9919NASA/V+
±50
90
8 SO-EP*
MAX9920ASA+
±200
Adjustable
8 SO-EP*
MAX9920ASA/V+
±200
Adjustable
8 SO-EP*
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers


Similar Part No. - MAX9918ASA/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918ASA/V+ MAXIM-MAX9918ASA/V+ Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918ASA/V+ MAXIM-MAX9918ASA/V+ Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
More results

Similar Description - MAX9918ASA/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com