Electronic Components Datasheet Search
  English  ▼

X  

MAX9918ASA/V+ Datasheet(PDF) 12 Page - Analog Devices

Part # MAX9918ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9918ASA/V+ Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX9918ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 9Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 10Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 11Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 12Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 13Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 14Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 15Page - Analog Devices MAX9918ASA/V+ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
SMALL-SIGNAL TRANSIENT
(GAIN = 45V/V)
MAX9918 toc31
50mV/div
10µs/div
5mV/div
MAX9918, VCM = 14V
VSENSE = 10mV TO 15mV
LARGE-SIGNAL TRANSIENT
(GAIN = 45V/V)
MAX9918 toc33
500mV/div
10µs/div
50mV/div
MAX9918, VCM = 14V
VSENSE = 0V TO 50mV
COMMON-MODE STEP RESPONSE
MAX9918 toc35
1V/div
10µs/div
10V/div
MAX9918, VCM = 14V
SSENSE = PS (50mV)
SMALL-SIGNAL TRANSIENT
(GAIN = 90V/V)
MAX9918 toc32
100mV/div
10µs/div
5mV/div
MAX9918, VCM = 14V
VSENSE = 10mV TO 15mV
LARGE-SIGNAL TRANSIENT
(GAIN = 90V/V)
MAX9918 toc34
1V/div
10µs/div
50mV/div
MAX9918, VCM = 14V
VSENSE = 0 TO 50mV
OUTPUT RESPONSE TO
COMMON-MODE TRANSIENT
MAX9918 toc36
VOUT
100mV/div
VCM
50V/div
0
4µs/div
OUTPUT AC-COUPLED
FULL SCALE
AT THE INPUT
Maxim Integrated │ 12
www.maximintegrated.com
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com