Electronic Components Datasheet Search
  English  ▼

X  

MAX9920ASA/V+ Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9920ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9920ASA/V+ Datasheet(HTML) 4 Page - Analog Devices

  MAX9920ASA/V+ Datasheet HTML 1Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 2Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 3Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 4Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 5Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 6Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 7Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100kΩ; for MAX9918,
AV = 90V/V, R2/R1 = 89kΩ/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
Electrical Characteristics (continued)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage Drift
(Note 3)
VOSD
MAX9918
VRS+ = VRS- = +14V
±1.2
µV/°C
VRS+ = VRS- = -2V
±3.3
MAX9919_
VRS+ = VRS- = +14V
±1.8
VRS+ = VRS- = -2V
±1.8
MAX9920
VRS+ = VRS- = +14V
±2.4
VRS+ = VRS- = -2V
±8.8
Common-Mode Range
VCM
Inferred from CMRR tests
-20
+75
V
Common-Mode Rejection Ratio
(Note 3)
CMRR
MAX9918,
MAX9919
-2V ≤ VCM ≤ +14V
80
dB
-20V ≤ VCM ≤ +75V
96
MAX9920
-2V ≤ VCM ≤ +14V
72
-20V ≤ VCM ≤ +75V
86
Input Bias Current
IRS+, IRS- -20V ≤ VCM ≤ +75V
TA = +25°C
±175
µA
TA = -40°C to +125°C
±250
Input Offset Current
(IRS+ - IRS-)
0
±8
µA
Input Leakage Current in
Shutdown
-20V ≤ VCM ≤ +75V, VSHDN = VCC = 5V
±30
µA
Input Leakage Current
VRS+ = VRS- = +14V, +75V, VCC = 0V
±30
µA
Input Resistance
MAX9918,
MAX9919_
Common mode
300
kΩ
Differential
715
Ω
MAX9920
Common mode
330
kΩ
Differential
224
Ω
Full-Scale Sense Voltage
(Note 4)
VSENSE
Inferred from gain
error test
MAX9918, MAX9919_
50
mV
MAX9920
200
Gain (Notes 2, 4)
G
MAX9918, MAX9920
Adj
V/V
MAX9919F
45
MAX9919N
90
Minimum Adjustable Gain
GADJ
MAX9918
30
V/V
MAX9920
7.5
www.maximintegrated.com
Maxim Integrated │ 4
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com