Electronic Components Datasheet Search
  English  ▼

X  

MAX9920ASA/V+ Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9920ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9920ASA/V+ Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9920ASA/V+ Datasheet HTML 7Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 8Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 9Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 10Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 11Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 12Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 13Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 14Page - Analog Devices MAX9920ASA/V+ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
ICC vs.VCM
VCM (V)
70
60
40 50
0 10 20 30
-10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.4
-20
80
TA = +125°C
TA = +25°C TA = -40°C
VSENSE = 0V (DASH)
VSENSE + 50mV (SOLID)
IBIAS vs. VCM
VCM (V)
70
60
40 50
0 10 20 30
-10
-80
-60
-40
-20
0
20
40
60
80
100
-100
-20
80
MAX9918
VCC = 5V
INPUT LEAKAGE CURRENT vs. VCM
VCM (V)
60
40
20
0
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-50
-20
80
IN+ - IN- = 50mV
VCC = VSHDN = 0V
VREFIN = 0V
TA = +125°C
TA = +25°C
TA = -40°C
DIFFERENTIAL RIN vs. VCM
VCM (V)
55
40
25
10
-5
100
200
300
400
500
600
700
800
900
1000
0
-20
70
GAIN vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-30
-20
-10
0
10
20
30
40
50
-40
0.001
10
MAX9918
VCM = 14V
GAIN = 90V/V
GAIN vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-50
-40
-30
-20
-10
0
10
20
30
40
-60
0.001
10
MAX9920
VCM = 14V
GAIN = 20V/V
ICC vs. VCC
VCC (V)
5.4
5.3
5.1 5.2
4.7 4.8 4.9 5.0
4.6
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
4.5
5.5
VCM = 14V
VSENSE = 0V
VCM = -2V
FREQUENCY (MHz)
10
1
0.1
0.01
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
0.001
100
MAX9918
VCM = 14V
GAIN = 90V/V
VCM = -2V
VCM = 14V
CMRR vs. FREQUENCY
PSRR vs. FREQUENCY
FREQUENCY (kHz)
1k
100
10
1
0.1
0.01
0.001
-120
-100
-80
-60
-40
-20
0
-140
0.0001
10k
MAX9918
VCM = 14V
VSENSE = 50mV
Maxim Integrated │ 11
www.maximintegrated.com
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com