Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRP8 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE49SRP8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRP8 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE49SRP8 Datasheet HTML 21Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 22Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 23Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 24Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 25Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 26Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 27Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 28Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
D1
D2
D3
RC
TEMP1
4 bits
description
status information
12-16 bits
MSBs
description
Data Payload
3 data nibbles: 12 bit
4 data nibbles 16 bit (optional)
SYNC
STATUS
CRC
description
CRC calculation
for all nibbles
seed value: 0101
polynomial: X4+X3 +X2+1
TRIGGER
8 bits
description
Temperature (optional)
2 temperature nibbles: 8 bit
TEMP2
D4
MSBs
4 bits
description
Rolling Counter (optional)
Starting value
MSBs
1111
1110
:
:
End value
0000
D1
D2
D3
RC
TEMP1
SYNC
STATUS
CRC
TRIGGER
TEMP2
16 bit data, temperature, rolling counter, CRC
12 bit data, temperature, rolling counter, CRC
D1
D2
D3
RC
SYNC
STATUS
CRC
TRIGGER
12 bit data, rolling counter, CRC
D1
D2
D3
RC
SYNC
STATUS
CRC
TRIGGER
D4
16 bit data, rolling counter, CRC
D1
D2
D3
TEMP1
SYNC
STATUS
CRC
TRIGGER
TEMP2
D4
16 bit data, temperature, CRC
D1
D2
D3
TEMP1
SYNC
STATUS
CRC
TRIGGER
TEMP2
12 bit data, temperature, CRC
D1
D2
D3
SYNC
STATUS
CRC
TRIGGER
D4
16 bit data, CRC
D1
D2
D3
SYNC
STATUS
CRC
TRIGGER
12 bit data, CRC
Figure 14
SPC frame modes
Based on the different settings the protocol data content in the nibbles D1 to D4 will be different, in addition to angle
value information (as shown above), the user can select to transmit also the angle characteristic curve quadrant
information, and or the angle speed information.
The configuration is the same as for the SENT protocol data.
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
25
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com